전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5037 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN5037
상세설명  Adjustable Switching Regulator Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5037 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN5037 Datasheet HTML 1Page - Fairchild Semiconductor FAN5037 Datasheet HTML 2Page - Fairchild Semiconductor FAN5037 Datasheet HTML 3Page - Fairchild Semiconductor FAN5037 Datasheet HTML 4Page - Fairchild Semiconductor FAN5037 Datasheet HTML 5Page - Fairchild Semiconductor FAN5037 Datasheet HTML 6Page - Fairchild Semiconductor FAN5037 Datasheet HTML 7Page - Fairchild Semiconductor FAN5037 Datasheet HTML 8Page - Fairchild Semiconductor FAN5037 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FAN5037
PRODUCT SPECIFICATION
2
REV. 1.0.3 9/26/01
Pin Assignments
Absolute Maximum Ratings
Note:
1. Functional operation under any of these conditions is not implied. Performance is guaranteed only if Operating Conditions
are not exceeded.
Operating Conditions
Pin Descriptions
Pin
Name
Pin
Number
Pin Function Description
CEXT
1
External capacitor. A 180pF capacitor is connected to this pin as part of the constant
on-time pulse width circuit. Careful layout of this pin is critical to system performance.
See Applications Information for details.
VCCA
2
Analog Vcc. Power supply for regulator control circuitry and voltage reference. Connect to
system 5V supply and decouple to ground with 0.1µF ceramic capacitor.
IFBH
3
High side current feedback. Pins 3 and 4 are used as the inputs for the current feedback
control loop and as the short circuit current sense points. Careful layout of the traces from
these pins to the current sense resistor is critical for optimal performance of the short circuit
protection scheme. See Applications Information for details.
IFBL
4
Low side current feedback. See Applications Information for details.
VFB
5
Voltage feedback. Using two external resistors, this pin sets the output voltage level for the
switching regulator.
GNDP
6
Power Ground. Connect to a low impedance ground. See Application Information for
details.
DRV
7
MOSFET driver output. Connect this pin to the gate of the N-channel MOSFET Q1 as
shown in Figure 12. The trace from this pin to the MOSFET gate should be kept as short as
possible (less than 0.5"). See Applications Information for details.
VCCP
8
Power Vcc. Power supply for DRV output driver. Connect to system 12V supply with R-C
filter shown in Figure 12. See Applications Information for details.
Supply Voltages, VCCA
7V
Supply Voltages, VCCP
13V
Junction Temperature, TJ
+150°C
Storage Temperature, TS
-65 to +150°C
Lead Soldering Temperature, 10 seconds
300°C
Thermal Resistance Junction-to-Ambient,
ΘJA
163°C/W
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching Regulator Supply, VCCA
4.75
5
5.25
V
Ambient Operating Temperature, TA
070
°C
Gate Drive Supply, VCCP
9.5
12
12.6
V
CEXT
VCCA
IFBH
VCCP
DRV
GNDP
1
2
3
8
7
6
IFBL
VFB
FAN5037
45


유사한 부품 번호 - FAN5037

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5037 FAIRCHILD-FAN5037 Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037 FAIRCHILD-FAN5037 Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037MX FAIRCHILD-FAN5037MX Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
More results

유사한 설명 - FAN5037

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
RC5037 FAIRCHILD-RC5037 Datasheet
81Kb / 12P
   Adjustable Switching Regulator Controller
FAN5037M FAIRCHILD-FAN5037M Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
FAN5037MX FAIRCHILD-FAN5037MX Datasheet
106Kb / 11P
   Adjustable Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3775 FUJITSU-MB3775 Datasheet
485Kb / 25P
   SWITCHING REGULATOR CONTROLLER
logo
Seiko Instruments Inc
S-8533A125FT-TB-X SII-S-8533A125FT-TB-X Datasheet
1Mb / 33P
   SWITCHING REGULATOR CONTROLLER
logo
Agamem Microelectronic ...
AA18380 AGAMEM-AA18380 Datasheet
489Kb / 14P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3776A FUJITSU-MB3776A Datasheet
148Kb / 16P
   Switching Regulator Controller
MB3788 FUJITSU-MB3788 Datasheet
750Kb / 21P
   SWITCHING REGULATOR CONTROLLER
logo
Hitachi Semiconductor
HA17524P HITACHI-HA17524P Datasheet
88Kb / 18P
   Switching Regulator Controller
logo
Fujitsu Component Limit...
MB3769A FUJITSU-MB3769A_06 Datasheet
938Kb / 29P
   SWITCHING REGULATOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com