전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA10339FV-E2 데이터시트(PDF) 6 Page - Rohm

부품명 BA10339FV-E2
상세설명  Ground Sense Comparators
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA10339FV-E2 데이터시트(HTML) 6 Page - Rohm

Back Button BA10339FV-E2 Datasheet HTML 2Page - Rohm BA10339FV-E2 Datasheet HTML 3Page - Rohm BA10339FV-E2 Datasheet HTML 4Page - Rohm BA10339FV-E2 Datasheet HTML 5Page - Rohm BA10339FV-E2 Datasheet HTML 6Page - Rohm BA10339FV-E2 Datasheet HTML 7Page - Rohm BA10339FV-E2 Datasheet HTML 8Page - Rohm BA10339FV-E2 Datasheet HTML 9Page - Rohm BA10339FV-E2 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
Technical Note
6/24
BA10393F,BA10339F,BA10339FV,BA2903SF,BA2903SFV,BA2903SFVM,BA2903F,BA2903FV,
BA2903FVM,BA2901SF,BA2901SFV,BA2901SKN,BA2901F,BA2901FV,BA2901KN,BA8391G
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
-8
-6
-4
-2
0
2
4
6
8
-50
-25
0
25
50
75
100
AMBIEN T TEMPER ATU R E[
℃]
0
10
20
30
40
-50
-25
0
255075
100
AMBIEN T TEMPER ATU R E [
℃]
0
20
40
60
80
100
120
140
160
-50
-25
0
25
50
75
100
AMBIEN T TEMPER ATU R E[
℃]
Fig.1
ディレーティングカーブ
Fig.2
回路電流 - 電源電圧特性
Fig.3
回路電流 - 温度特性
Fig.4
出力飽和電圧-電源電圧特性
(IOL=4[mA])
Fig.5
出力飽和電圧-温度特性
(IOL=4[mA])
Fig.6
Low レベル出力電圧-出力シンク電流特性
(VCC=5[V])
Fig.7
出力シンク電流-温度特性
(VOUT=1.5[V])
Fig.8
入力オフセット電圧-電源電圧特性
Fig.9
入力オフセット電圧-温度特性
Fig.10
入力バイアス電流-電源電圧特性
Fig.11
入力バイアス電流-温度特性
Fig.12
入力オフセット電流-電源電圧特性
-8
-6
-4
-2
0
2
4
6
8
0
1020
3040
SU PPLY VOLTAGE[V]
5V
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
10203040
SU PPLY VOLTAGE[V]
25℃
-40℃
85℃
2V
5V
36V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
-25
0
25
50
75
100
AMBIEN T TEMPER ATU R E [
℃]
2V
36V
5V
0
50
100
150
200
-50
-25
0
255075
100
AMBIEN T TEMPER ATU R E [
℃]
36V
2V
5V
2V
36V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
10
203040
SUPPLY VOLTAGE [V]
25℃
85℃
-40℃
0
50
100
150
200
0
10
203040
SU PPLY VOLTAGE[V]
25℃
85℃
-40℃
-40℃
25℃
85℃
0
20
40
60
80
100
120
140
160
0
5
10
15
20
25
30
35
40
SU PPLY VOLTAGE[V]
-40℃
25℃
85℃
2V
36V
5V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
2
4
6
8
10 12 14 16 18 20
OUTPUT SINK CUR RENT[m A]
85℃
25℃
-40℃
0
200
400
600
800
0
25
50
75
100
125
AMBIENT TEMPERATURE[℃]
BA8391G
85
BA83 91 ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA83 91 ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA8391ファ ミリ
BA83 91 ファ ミリ
BA8391 family
●Reference Data BA8391 family
(*)The data above is ability value of sample, it is not guaranteed. BA8391G:-40[℃]~+85[℃]
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
BA8391 family
Fig.10
Input Bias Current - Supply Voltage
Fig.11
Input Bias Current - Ambient Temperature
Fig.12
Input Offset Current - Supply Voltage
Fig.1
Derating Curve
Fig.2
Supply Current - Supply Voltage
Fig.3
Supply Current - Ambient Temperature
Fig.4
Output Saturation Voltage
- Supply Voltage
(IOL=4[mA])
Fig.5
Output Saturation Voltage
- Ambient Temperature
(IOL=4[mA])
Fig.6
Low Level Output Voltage
- Output Sink Current
(VCC=5[V])
Fig.7
Output Sink Current - Ambient Temperature
(VOUT=1.5[V])
Fig.8
Input Offset Voltage - Supply Voltage
Fig.9
Input Offset Voltage - Ambient Temperature
BA8391 family
BA8391 family


유사한 부품 번호 - BA10339FV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
958Kb / 56P
   Ground Sense Comparator
BA10339FV-E2 ROHM-BA10339FV-E2 Datasheet
2Mb / 57P
   Ground Sense Comparator
More results

유사한 설명 - BA10339FV-E2

제조업체부품명데이터시트상세설명
logo
Rohm
BA10393F-E2 ROHM-BA10393F-E2 Datasheet
533Kb / 25P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_09 Datasheet
574Kb / 20P
   Comparators: Ground Sense
LM393XXX ROHM-LM393XXX Datasheet
4Mb / 40P
   Ground Sense Comparators
15.Jul.2016 Rev.002
BA2903YF-LB ROHM-BA2903YF-LB Datasheet
677Kb / 31P
   Ground Sense Comparators
BA10393F ROHM-BA10393F_10 Datasheet
466Kb / 20P
   Comparators : Ground Sense
BA10393F ROHM-BA10393F_11 Datasheet
551Kb / 25P
   Ground Sense Comparators
BA2903YFC ROHM-BA2903YFC Datasheet
825Kb / 32P
   Automotive Ground Sense Comparators
BA2903YFV-C ROHM-BA2903YFV-C Datasheet
1Mb / 33P
   Automotive Ground Sense Comparators
29.Sep.2015 Rev.005
BA2901YF-M ROHM-BA2901YF-M Datasheet
531Kb / 27P
   Automotive Ground Sense Comparators
BA2903YF-CE2 ROHM-BA2903YF-CE2 Datasheet
1Mb / 34P
   Automotive Ground Sense Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com