전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5071 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FAN5071
상세설명  High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5071 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5071 Datasheet HTML 6Page - Fairchild Semiconductor FAN5071 Datasheet HTML 7Page - Fairchild Semiconductor FAN5071 Datasheet HTML 8Page - Fairchild Semiconductor FAN5071 Datasheet HTML 9Page - Fairchild Semiconductor FAN5071 Datasheet HTML 10Page - Fairchild Semiconductor FAN5071 Datasheet HTML 11Page - Fairchild Semiconductor FAN5071 Datasheet HTML 12Page - Fairchild Semiconductor FAN5071 Datasheet HTML 13Page - Fairchild Semiconductor FAN5071 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
FAN5071
PRODUCT SPECIFICATION
10
REV. 1.0.4 1/29/02
Design Considerations and Component
Selection
Additional information on design and component selection
may be found in Fairchild’s Application Note 57.
MOSFET Selection
This application requires N-channel Logic Level Enhance-
ment Mode Field Effect Transistors. Desired characteristics
are as follows:
• Low Static Drain-Source On-Resistance, RDS,ON < 20mΩ
(lower is better)
• Low gate drive voltage, VGS = 4.5V rated
• Power package with low Thermal Resistance
• Drain-Source voltage rating > 15V.
The on-resistance (RDS,ON) is the primary parameter for
MOSFET selection. The on-resistance determines the power
dissipation within the MOSFET and therefore significantly
affects the efficiency of the DC-DC Converter. For details
and a spreadsheet on MOSFET selection, refer to Applica-
tions Bulletin AB-8.
Inductor Selection
Choosing the value of the inductor is a trade-off between
allowable ripple voltage and required transient response. The
system designer can choose any value within the allowed
minimum to maximum range in order to either minimize rip-
ple or maximize transient performance. The first order equa-
tion (close approximation) for minimum inductance is:
where:
Vin = Input Power Supply
Vout = Output Voltage
f = DC/DC converter switching frequency
ESR = Equivalent series resistance of all output capacitors in
parallel
Vripple = Maximum peak to peak output ripple voltage budget.
The first order equation for maximum allowed inductance is:
where:
Co = The total output capacitance
Ipp = Maximum to minimum load transient current
Vtb = The output voltage tolerance budget allocated to load
transient
Dm = Maximum duty cycle for the DC/DC converter (usu-
ally 95%).
Some margin should be maintained away from both Lmin and
Lmax. Adding margin by increasing L almost always adds
expense since all the variables are predetermined by system
performance except for Co, which must be increased to
increase L. Adding margin by decreasing L can be done by
purchasing capacitors with lower ESR. The FAN5071 pro-
vides significant cost savings for the newer CPU systems
that typically run at high supply current.
FAN5071 Short Circuit Current Characteristics
The FAN5071 protects against output short circuit on the
core supply by latching off both the high-side and low-side
MOSFETs. The FAN5071 short circuit current characteristic
includes a hysteresis function that prevents the DC-DC con-
verter from oscillating in the event of a short circuit. The
short circuit limit is set with the RS resistor, as given by the
formula
with IDetect ≈ 50µA, ISC the desired current limit, and RDS,on
the high-side MOSFET’s on resistance. Remember to make
the RS large enough to include the effects of initial tolerance
and temperature variation on the MOSFET’s RDS,on. Alter-
nately, use of a sense resistor in series with the source of the
MOSFET, as shown in Figure 6, eliminates this source of
inaccuracy in the current limit.
As an example, Figure 3 shows the typical characteristic of
the DC-DC converter circuit with two FDD6690A high-side
MOSFETs (RDS = 17mΩ maximum at 25°C * 1.25 at 75°C
= 21.25m
Ω each for a total of 10.6mΩ) and a 6.19KΩ R
S.
Figure 3. FAN5071 Short Circuit Characteristic
The converter exhibits a normal load regulation characteris-
tic until the voltage across the MOSFET exceeds the internal
short circuit threshold of 50µA * 6.2K
Ω = 310mV, which
occurs at 310mV/10.6m
Ω = 29A. [Note that this current
limit level can be as high as 310mV/6.5m
Ω = 48A, if the
MOSFET has typical RDS,on rather than maximum, and is at
25°C. This is the reason for using the external sense resistor.]
At this point, the internal comparator trips and signals the
Lmin
(Vin – Vout)
f
x
Vout
Vin
x
ESR
Vripple
=
Lmax
(Vin – Vout) Dm Vtb
Ipp2
= 2CO
RS
ISC *RDS, on
IDetect
=
0
10
20
30
40
50
Output Current (A)


유사한 부품 번호 - FAN5071

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
FAN5078D3 FAIRCHILD-FAN5078D3 Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078D3MPX FAIRCHILD-FAN5078D3MPX Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078MPX FAIRCHILD-FAN5078MPX Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
More results

유사한 설명 - FAN5071

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
RC5061 FAIRCHILD-RC5061 Datasheet
135Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5059MX FAIRCHILD-FAN5059MX Datasheet
216Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5058 FAIRCHILD-RC5058 Datasheet
257Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com