전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5071 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FAN5071
상세설명  High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5071 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FAN5071 Datasheet HTML 1Page - Fairchild Semiconductor FAN5071 Datasheet HTML 2Page - Fairchild Semiconductor FAN5071 Datasheet HTML 3Page - Fairchild Semiconductor FAN5071 Datasheet HTML 4Page - Fairchild Semiconductor FAN5071 Datasheet HTML 5Page - Fairchild Semiconductor FAN5071 Datasheet HTML 6Page - Fairchild Semiconductor FAN5071 Datasheet HTML 7Page - Fairchild Semiconductor FAN5071 Datasheet HTML 8Page - Fairchild Semiconductor FAN5071 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
FAN5071
2
REV. 1.0.4 1/29/02
Start and current limiting. The linears start instantly, not
waiting for softstart. The FAN5071 is available in a 24 pin
SOIC package.
Pin Assignments
24
23
22
21
20
19
18
17
16
15
14
13
FAN5071
HIDRV
SW
GNDA
VID4
VID3
VID2
VID1
VID0
VADJGATE
VADJFB
VCKGATE
VCKFB
VCCP
LODRV
GNDP
VCCA
VFB
DROOP
ILIM
PWRGD
SS/ENABLE
TYPEDET
VAGPGATE
VAGPFB
1
2
3
4
5
6
7
8
9
10
11
12
Pin Definitions
Pin Number
Pin Name
Pin Function Description
1
HIDRV
High Side FET Driver. Connect this pin to the gate of an N-channel MOSFET. The
trace from this pin to the MOSFET gate should be <0.5".
2SW
High Side Driver Source and Low Side Driver Drain Switching Node. Together
with DROOP and ILIM pins allows FET sensing for VCC current.
3
GNDA
Analog Ground. Return path for low power analog circuitry. This pin should be
connected to a low impedance system ground plane to minimize ground loops.
4-8
VID4-0
Voltage Identification Code Inputs. These open collector/TTL compatible inputs
will program the output voltage over the ranges specified in Table 1.
9
VADJGATE
Gate Driver for VADJ Transistor. For Adjustable output.
10
VADJFB
Voltage Feedback for VADJ.
11
VCKGATE
Gate Driver for VCK Transistor. For 2.5V output.
12
VCKFB
Voltage Feedback for VCK.
13
VAGPFB
Voltage Feedback for VAGP.
14
VAGPGATE
Gate Driver for VAGP Transistor. For 3.3/1.5V output.
15
TYPEDET
Type Detect. Sets 3.3V or 1.5V for AGP.
16
ENABLE/SS
Output Enable. A logic LOW on this pin will disable all outputs. An internal current
source allows for open collector control. This pin also doubles as soft start for the
switcher.
17
PWRGD
Power Good Flag. An open collector output that will be logic LOW if any output
voltage is not within ±14% of the nominal output voltage setpoint.
18
ILIM
VCC Current Feedback. Pin 18 is used in conjunction with pin 2 as the input for the
VCC current feedback control loop. Layout of these traces is critical to system
performance. See Application Information for details.
19
DROOP
Droop Set. Use this pin to set magnitude of active droop.
20
VFB
Vcc Voltage Feedback. Pin 20 is used as the input for the VCC voltage feedback
control loop. See Application Information for details regarding correct layout.
21
VCCA
Analog VCC. Connect to system 5V supply and decouple with a 0.1µF ceramic
capacitor.
22
GNDP
Power Ground. Return pin for high currents flowing in pin 24 (VCCP).
23
LODRV
VCC Low Side FET Driver. Connect this pin to the gate of an N-channel MOSFET
for synchronous operation. The trace from this pin to the MOSFET gate should be
<0.5".
24
VCCP
Power VCC. For all FET drivers. Connect to system 12V supply through a 33Ω, and
decouple with a 1µF ceramic capacitor.


유사한 부품 번호 - FAN5071

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
FAN5078D3 FAIRCHILD-FAN5078D3 Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078D3MPX FAIRCHILD-FAN5078D3MPX Datasheet
611Kb / 18P
   Complete ACPI Compliant Power Solution for DDR3 Memory System
FAN5078MPX FAIRCHILD-FAN5078MPX Datasheet
338Kb / 16P
   DDR/ACPI Regulator Combo
More results

유사한 설명 - FAN5071

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
RC5061 FAIRCHILD-RC5061 Datasheet
135Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5059MX FAIRCHILD-FAN5059MX Datasheet
216Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5056MV85 FAIRCHILD-FAN5056MV85 Datasheet
162Kb / 15P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
RC5058 FAIRCHILD-RC5058 Datasheet
257Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Multi-Voltage Platforms
FAN5070 FAIRCHILD-FAN5070 Datasheet
147Kb / 14P
   High Performance Programmable Synchronous DC-DC Controller
RC5052 FAIRCHILD-RC5052 Datasheet
157Kb / 18P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5057 FAIRCHILD-RC5057 Datasheet
177Kb / 20P
   High Performance Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5051 FAIRCHILD-RC5051 Datasheet
141Kb / 16P
   Programmable Synchronous DC-DC Controller for Low Voltage Microprocessors
RC5054A FAIRCHILD-RC5054A Datasheet
122Kb / 13P
   Programmable Synchronous DC-DC Converter Controller for Low Voltage Microprocessors
logo
Semtech Corporation
SC1158 SEMTECH-SC1158 Datasheet
71Kb / 5P
   PROGRAMMABLE SYNCHRONOUS DC/DC CONTROLLER FOR ADVANCED PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com