전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN5660 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FAN5660
상세설명  Monolithic Inductorless CMOS DC/DC Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5660 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FAN5660 Datasheet HTML 1Page - Fairchild Semiconductor FAN5660 Datasheet HTML 2Page - Fairchild Semiconductor FAN5660 Datasheet HTML 3Page - Fairchild Semiconductor FAN5660 Datasheet HTML 4Page - Fairchild Semiconductor FAN5660 Datasheet HTML 5Page - Fairchild Semiconductor FAN5660 Datasheet HTML 6Page - Fairchild Semiconductor FAN5660 Datasheet HTML 7Page - Fairchild Semiconductor FAN5660 Datasheet HTML 8Page - Fairchild Semiconductor FAN5660 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
www.fairchildsemi.com
REV. 1.0.2 3/28/02
Features
• Inverts, Doubles or Splits Input Supply Voltage
• 90% Typ Conversion Efficiency at 100mA load current
• 0.5V Typ Loss at 100mA Load
• Low 160µA Operating Current
•5.
0Ω Typ Output Resistance for C1 = C2 = 100µF
• Selectable Oscillator Frequency: 5kHz/50kHz
• 8-pin SOIC package.
Applications
Laptop Computers
Medical Instruments
Interface Power Supplies
Hand-Held Instruments
Operational-Amplifier Power Supplies
General Description
The FAN5660 is a monolithic charge-pump which can
invert, double or split a +1.5V to +5.5V input voltage.
Using only two identical low-cost capacitors, the charge
pump replaces switching regulators, thus eliminating
inductors and their associated cost, size, and EMI. The
device has a greater than 90% efficiency over most of its load
current range and a typical operating current of only 160µA.
The FAN5660 is ideal for both battery-powered and board-
level voltage conversion applications.
In order to enable the user optimize capacitor size and
quiescent current, the FAN5660 is offered with a frequency
control (FC) pin which selects either 5kHz or 50kHz
operation.
The Oscillator frequency can also be driven with an external
clock. The FAN5660 is available in 8-pin small-outline
packages.
Simplified Block Diagram
VSH
LV
FC
CONTROL
OSCILLATOR
SYNC
CAP+
CAP–
V+
VSS
FAN5660
Monolithic Inductorless CMOS DC/DC Converter


유사한 부품 번호 - FAN5660

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665 Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665UCX FAIRCHILD-FAN5665UCX Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665UCX FAIRCHILD-FAN5665UCX Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
FAN5665 FAIRCHILD-FAN5665_08 Datasheet
714Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
More results

유사한 설명 - FAN5660

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7560 AD-AD7560_15 Datasheet
3Mb / 11P
   CMOS MONOLITHIC DC DC
logo
Linear Technology
LTC3252 LINER-LTC3252_15 Datasheet
298Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3252 LINER-LTC3252 Datasheet
292Kb / 12P
   Dual, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-15 LINER-LTC1911-15 Datasheet
194Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250-1.5 LINER-LTC3250-1.5_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC3250-1.2 LINER-LTC3250-1.2_15 Datasheet
331Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5 Datasheet
209Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.5 LINER-LTC1911-1.5_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC1911-1.8 LINER-LTC1911-1.8_15 Datasheet
215Kb / 12P
   Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
LTC3250 LINER-LTC3250 Datasheet
326Kb / 12P
   High Efficiency, Low Noise, Inductorless Step-Down DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com