전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6555 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN6555
상세설명  2A DDR Bus Termination Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6555 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6555 Datasheet HTML 4Page - Fairchild Semiconductor FAN6555 Datasheet HTML 5Page - Fairchild Semiconductor FAN6555 Datasheet HTML 6Page - Fairchild Semiconductor FAN6555 Datasheet HTML 7Page - Fairchild Semiconductor FAN6555 Datasheet HTML 8Page - Fairchild Semiconductor FAN6555 Datasheet HTML 9Page - Fairchild Semiconductor FAN6555 Datasheet HTML 10Page - Fairchild Semiconductor FAN6555 Datasheet HTML 11Page - Fairchild Semiconductor FAN6555 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
PRODUCT SPECIFICATION
FAN6555
REV. 1.1.3 8/4/03
11
Mechanical Dimensions Inches (Millimeters)
Package: M16 16-Pin SOIC
16
9
18
D
A
A1
– C –
ccc C
LEAD COPLANARITY
SEATING
PLANE
e
B
L
h x 45
°
C
α
EH
A
.053
.069
1.35
1.75
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.004
.010
0.10
0.25
.020
0.51
B
.013
0.33
C
.0075
.010
0.19
0.25
E
.150
.158
3.81
4.00
e
.228
.244
5.80
6.20
.010
.020
0.25
0.50
H
.050 BSC
1.27 BSC
h
L
.016
.050
0.40
1.27
0
°
8
°
0
°
8
°
3
6
5
2
2
N16
16
α
ccc
.004
0.10
——
D
.386
.394
9.80
10.00
Notes:
1.
2.
3.
4.
5.
6.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
"D" and "E" do not include mold flash. Mold flash or
protrusions shall not exceed .010 inch (0.25mm).
"L" is the length of terminal for soldering to a substrate.
Terminal numbers are shown for reference only.
"C" dimension does not include solder finish thickness.
Symbol "N" is the maximum number of terminals.


유사한 부품 번호 - FAN6555

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
More results

유사한 설명 - FAN6555

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
UR6512 UTC-UR6512 Datasheet
228Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR6512 UTC-UR6512_15 Datasheet
192Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512 Datasheet
117Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
UR5513 UTC-UR5513 Datasheet
285Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
logo
Fairchild Semiconductor
FAN6550 FAIRCHILD-FAN6550 Datasheet
99Kb / 12P
   2A DDR Bus Termination Regulator
logo
E-Tech Electronics LTD
UR5512 ETL-UR5512 Datasheet
218Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
logo
Global Mixed-mode Techn...
G2992B GMT-G2992B Datasheet
91Kb / 1P
   2A DDR Bus Termination Regulator
logo
Unisonic Technologies
UR5512 UTC-UR5512_14 Datasheet
184Kb / 6P
   2A DDR BUS TERMINATION REGULATOR
UR6511 UTC-UR6511 Datasheet
139Kb / 4P
   2A DDR BUS TERMINATION REGULATOR
UR5512 UTC-UR5512_09 Datasheet
207Kb / 7P
   2A DDR BUS TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com