전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3-1827253-6 데이터시트(PDF) 3 Page - Tyco Electronics

부품명 3-1827253-6
상세설명  HARD TRAY PACKAGING FH 0.5 BTB CONNECTOR 220POS PLUG 5H WITH GROUND PLATE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MACOM [Tyco Electronics]
홈페이지  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1827253-6 데이터시트(HTML) 3 Page - Tyco Electronics

  3-1827253-6 Datasheet HTML 1Page - Tyco Electronics 3-1827253-6 Datasheet HTML 2Page - Tyco Electronics 3-1827253-6 Datasheet HTML 3Page - Tyco Electronics 3-1827253-6 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image


유사한 부품 번호 - 3-1827253-6

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
3-1827231-6 MACOM-3-1827231-6 Datasheet
327Kb / 9P
   Stacking Height Guide for Parallel Board-to-Board Applications
3-1827233-6 MACOM-3-1827233-6 Datasheet
449Kb / 4P
   HAND TRAY ASSY
More results

유사한 설명 - 3-1827253-6

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
3-6318491-6 MACOM-3-6318491-6 Datasheet
392Kb / 3P
   HARD TRAY ASSY FH 0.5BTB CONNECTOR 220POS PLUG 8H WITH GROUND PLATE
3-5353652-6 MACOM-3-5353652-6 Datasheet
763Kb / 8P
   HARD TRAY ASSY FH 0.5BTB CONNECTOR PLUG 8H W/G-PLATE ON 2ROW CAP
5177984-3 MACOM-5177984-3 Datasheet
77Kb / 2P
   PLUG ASSEMBLY 5H TYPE (0.5 BOSS LENGTH) FOR FH 0.8mm PITCH B-T-B CONNECTOR
logo
Amphenol Corporation
P-UE86-3G8620-X0X61 AMPHENOL-P-UE86-3G8620-X0X61 Datasheet
1,009Kb / 5P
   PACKAGING: TRAY PACKAGING
logo
Tyco Electronics
320634 MACOM-320634 Datasheet
414Kb / 3P
   HAND TRAY ASSY FH 0.5BTB CONNECTOR
logo
AVX Corporation
109159002101916 AVX-109159002101916 Datasheet
880Kb / 7P
   Horizontal Plug: BTB
10-9159 AVX-10-9159 Datasheet
880Kb / 7P
   Horizontal Plug: BTB
13-9159 AVX-13-9159 Datasheet
1Mb / 6P
   Vertical Plug: BTB
logo
TE Connectivity Ltd
C-6123001 TEC-C-6123001 Datasheet
374Kb / 2P
   EMBOSS ASSY FOR FH 0.8BTB CONNECTOR PLUG 8H 0.5 BOSS LENGTH (0.76um GOLD)
logo
Molex Electronics Ltd.
0479890312 MOLEX6-0479890312 Datasheet
347Kb / 4P
   1.00mm (.039") by 1.00mm (.039") Pitch rPGA 988B Notebook PC CPU Socket,with Mylar, Hard Tray Packaging
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com