전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TP810PW4K70JE 데이터시트(PDF) 1 Page - Ohmite Mfg. Co.

부품명 TP810PW4K70JE
상세설명  High Energy Thick Film on Alumina Substrate
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OHMITE [Ohmite Mfg. Co.]
홈페이지  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

TP810PW4K70JE 데이터시트(HTML) 1 Page - Ohmite Mfg. Co.

  TP810PW4K70JE Datasheet HTML 1Page - Ohmite Mfg. Co. TP810PW4K70JE Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
THick film
radial
TP Series
High Energy
Thick Film on Alumina Substrate
Substrate Alumina
Resistor Thick Film
Coating Glass
Terminals Solder Plated Phosphor Bronze
Thermal Conductivity 20 Watts/Meter/°C
Temperature Coefficient 1 to 100Ω:
100 ppm/°C
101Ω and up: 50 ppm/°C
Tolerance ±1%, ±5% and ±10%
Power Rating Based on 25°C free air
Resistance Range 10 ohms to 1M ohm. Consult factory for other values
Maximum Operating Voltage 350 VAC, 500 VDC through glass, 1000 VAC, 1500 VDC through substrate
Energy Rating 100J: 100ms pulse with 100uF capacitor, not to exceed 1500 volts
Derating 100% @ 25°C to 0% @ 180°C ambient.
charac T eri ST ic S
Fea T ure S
• High-Temp Terminal
Construction
• Wide Resistance Range
• Low Inductance (50nH-
100nH)
• High Power Density
• Easy to install.
PC-mountable
V
t
E= Energy
(joules)
t= Time
(seconds)
V= Voltage
(volts)
R= Resistance (ohms)
C= Capacitance (farads)
E = –CV2
1
2
t = RC
Pulse
TP Series high energy resistors offer the user the
benefits of non-inductive performance and high
power density. As an added feature, they provide
the impulse energy capability normally associated
with wirewound or composition resistors. Double-
sided screen printing of pulse-tolerant thick film ink,
coupled with a sophisticated scan-cut laser trimming
process, maximize the energy withstanding capabili-
ties of the TP Series.
Standard part numbers for TP series
TP810PW10R0JE
TP810PW20R0JE
TP810PW50R0JE
TP810PW100RJE
TP810PW470RJE
TP810PW1K00JE
TP810PW4K70JE
TP810PW10K0JE
D i M e NS i ONS
(±.020 in. / ±.508mm)
O r D eri NG i NFO r M aT i ON
0.020"
0.51mm
typ.
0.150"
3.8 mm
ref.
0.200" / 5.08 mm
0.050" / 1.27 mm dia. finished pins
0.070" /
1.78 mm
0.040" / 1.02 mm
0.240" /
6.10 mm
0.300" /
7.62 mm
0.040" /
1.02 mm
typ.
0.800"
20.32mm
1.00"/25.40mm
1.00"/25.40mm
Power Rating
10 = 10 watts
TP810PW4K50 J E
Series
Tolerance
K = 10%
J = 5%
Package
PW = wraparound
terminal
Resistance Value (
Ω)
10R0 = 10.0
2K00 = 2,000
45K0 = 45,000
Pin spacing
8 = 0.80"
RoHS
compliant


유사한 부품 번호 - TP810PW4K70JE

제조업체부품명데이터시트상세설명
logo
Ohmite Mfg. Co.
TP810PW4K70JE OHMITE-TP810PW4K70JE Datasheet
320Kb / 1P
   Wide Resistance Range
More results

유사한 설명 - TP810PW4K70JE

제조업체부품명데이터시트상세설명
logo
Ohmite Mfg. Co.
TA810PW100RJE OHMITE-TA810PW100RJE Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
TA203PA4K50KE OHMITE-TA203PA4K50KE Datasheet
129Kb / 1P
   Power Chip Thick Film on Alumina Substrate
logo
List of Unclassifed Man...
TA203PA ETC1-TA203PA Datasheet
170Kb / 1P
   Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
RES-MC1RD OHMITE-RES-MC1RD Datasheet
176Kb / 1P
   Thick film on Alumina
logo
List of Unclassifed Man...
NRC04ZOTRF ETC2-NRC04ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
NRC10ZOTRF ETC2-NRC10ZOTRF Datasheet
135Kb / 6P
   METAL GLAZED THICK FILM ON HIGH PURITY ALUMINA SUBSTRATE ..(CERMET) PROVIDES UNIFORM QUALITY AND HIGH RELIABILITY
logo
Ohmite Mfg. Co.
TC025PA5R00JE OHMITE-TC025PA5R00JE Datasheet
89Kb / 1P
   PECOS Resistors Thick Film on Porcelainized Steel Substrate
TC010PA OHMITE-TC010PA Datasheet
89Kb / 1P
   PECOS Resistors Thick Film on Porcelainized Steel Substrate
logo
Vishay Siliconix
CC4 VISHAY-CC4 Datasheet
76Kb / 3P
   Thin Film 0510 Size Resistor on Alumina
Revision: 27-May-13
CC1 VISHAY-CC1 Datasheet
99Kb / 3P
   Thin Film 0402 Size Resistor on Alumina
Revision: 27-May-13
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com