전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC0808 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC0808
상세설명  8-Bit D/A Converter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

DAC0808 데이터시트(HTML) 4 Page - Texas Instruments

  DAC0808 Datasheet HTML 1Page - Texas Instruments DAC0808 Datasheet HTML 2Page - Texas Instruments DAC0808 Datasheet HTML 3Page - Texas Instruments DAC0808 Datasheet HTML 4Page - Texas Instruments DAC0808 Datasheet HTML 5Page - Texas Instruments DAC0808 Datasheet HTML 6Page - Texas Instruments DAC0808 Datasheet HTML 7Page - Texas Instruments DAC0808 Datasheet HTML 8Page - Texas Instruments DAC0808 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Power Supply Voltage
V
CC
+18 V
DC
V
EE
−18 V
DC
Digital Input Voltage, V5–V12
−10 V
DC to +18 VDC
Applied Output Voltage, V
O
−11 V
DC to +18 VDC
Reference Current, I
14
5mA
Reference Amplifier Inputs, V14, V15
V
CC,VEE
Power Dissipation (Note 4)
1000 mW
ESD Susceptibility (Note 5)
TBD
Storage Temperature Range
−65˚C to +150˚C
Lead Temp. (Soldering, 10 seconds)
Dual-In-Line Package (Plastic)
260˚C
Dual-In-Line Package (Ceramic)
300˚C
Surface Mount Package
Vapor Phase (60 seconds)
215˚C
Infrared (15 seconds)
220˚C
Operating Ratings
Temperature Range
T
MIN ≤ TA ≤ TMAX
DAC0808
0
≤T
A ≤ +75˚C
Electrical Characteristics
(V
CC = 5V, VEE = −15 VDC,VREF/R14 = 2 mA, and all digital inputs at high logic level unless otherwise noted.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
E
r
Relative Accuracy (Error Relative
(
Figure 4)%
to Full Scale I
O)
DAC0808LC (LM1408-8)
±0.19
%
Settling Time to Within 12 LSB
T
A=25˚C (Note 7),
150
ns
(Includes t
PLH)(Figure 5)
t
PLH,tPHL
Propagation Delay Time
T
A = 25˚C, (Figure 5)
30
100
ns
TCI
O
Output Full Scale Current Drift
±20
ppm/˚C
MSB
Digital Input Logic Levels
(
Figure 3)
V
IH
High Level, Logic “1”
2
V
DC
V
IL
Low Level, Logic “0”
0.8
V
DC
MSB
Digital Input Current
(
Figure 3)
High Level
V
IH = 5V
0
0.040
mA
Low Level
V
IL = 0.8V
−0.003
−0.8
mA
I
15
Reference Input Bias Current
(
Figure 3)−1
−3
µA
Output Current Range
(
Figure 3)
V
EE = −5V
0
2.0
2.1
mA
V
EE = −15V, TA = 25˚C
0
2.0
4.2
mA
I
O
Output Current
V
REF = 2.000V,
R14 = 1000
Ω,
(
Figure 3)
1.9
1.99
2.1
mA
Output Current, All Bits Low
(
Figure 3)0
4
µA
Output Voltage Compliance (Note 3)
E
r ≤ 0.19%, TA = 25˚C
V
EE=−5V, IREF=1 mA
−0.55, +0.4
V
DC
V
EE Below −10V
−5.0, +0.4
V
DC
SRI
REF
Reference Current Slew Rate
(
Figure 6)
4
8
mA/µs
Output Current Power Supply
−5V
≤ V
EE ≤ −16.5V
0.05
2.7
µA/V
Sensitivity
Power Supply Current (All Bits
(
Figure 3)
Low)
I
CC
2.3
22
mA
I
EE
−4.3
−13
mA
Power Supply Voltage Range
T
A = 25˚C, (Figure 3)
V
CC
4.5
5.0
5.5
V
DC
V
EE
−4.5
−15
−16.5
V
DC
Power Dissipation
www.national.com
3


유사한 부품 번호 - DAC0808

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
DAC0808 NSC-DAC0808 Datasheet
222Kb / 10P
   8-Bit D/A Converters
DAC0808 NSC-DAC0808 Datasheet
309Kb / 12P
   8-Bit D/A Converter
DAC0808 NSC-DAC0808 Datasheet
195Kb / 10P
   8-Bit D/A Converters
January 1995
DAC0808LCM NSC-DAC0808LCM Datasheet
222Kb / 10P
   8-Bit D/A Converters
DAC0808LCM NSC-DAC0808LCM Datasheet
309Kb / 12P
   8-Bit D/A Converter
More results

유사한 설명 - DAC0808

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
ZN425E8 ZARLINK-ZN425E8 Datasheet
244Kb / 8P
   8-BIT D-A/A-D CONVERTER
logo
List of Unclassifed Man...
ES52110 ETC-ES52110 Datasheet
203Kb / 15P
   8-bit D/A Converter
logo
Analog Devices
AD673 AD-AD673_17 Datasheet
299Kb / 9P
   8-Bit A/D Converter
logo
Zarlink Semiconductor I...
ZN426E8 ZARLINK-ZN426E8 Datasheet
137Kb / 5P
   8-BIT D-A CONVERTER
logo
Sanyo Semicon Device
LC89086M SANYO-LC89086M Datasheet
61Kb / 6P
   8 Bit A/D Converter
logo
Analog Devices
AD673 AD-AD673 Datasheet
278Kb / 8P
   8-Bit A/D Converter
REV. A
logo
Rohm
BA9101S ROHM-BA9101S Datasheet
128Kb / 4P
   8-bit A/D Converter
logo
Analog Devices
AD673 AD-AD673_15 Datasheet
265Kb / 8P
   8-Bit A/D Converter
REV. A
logo
National Semiconductor ...
DAC0808 NSC-DAC0808_99 Datasheet
309Kb / 12P
   8-Bit D/A Converter
logo
NXP Semiconductors
PCA9691 NXP-PCA9691 Datasheet
604Kb / 31P
   8-bit A/D and D/A converter
Rev. 02-27 January 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com