전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC3612 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDC3612
상세설명  100V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC3612 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDC3612 Datasheet HTML 1Page - Fairchild Semiconductor FDC3612 Datasheet HTML 2Page - Fairchild Semiconductor FDC3612 Datasheet HTML 3Page - Fairchild Semiconductor FDC3612 Datasheet HTML 4Page - Fairchild Semiconductor FDC3612 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDC3612 Rev B3(W)
Typical Characteristics
0
4
8
12
16
20
0
246
8
VDS, DRAIN-SOURCE VOLTAGE (V)
4.0V
5.0V
4.5V
3.5V
VGS = 10V
0.8
1
1.2
1.4
1.6
1.8
0
4
8
12
16
20
ID, DRAIN CURRENT (A)
VGS = 3.5V
4.0V
6.0V
4.5V
10V
5.0V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.2
0.6
1
1.4
1.8
2.2
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = 2.6A
VGS = 10V
0.05
0.08
0.11
0.14
0.17
0.2
0.23
0.26
2
468
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 1.3A
TA = 125
oC
TA = 25
oC
Figure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
4
8
12
16
20
2
2.5
3
3.5
4
4.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25o
-55oC
VDS = 5V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25oC
-55oC
VGS = 0V
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


유사한 부품 번호 - FDC3612

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
FDC3612 KEXIN-FDC3612 Datasheet
1Mb / 4P
   N-Channel MOSFET
logo
TECH PUBLIC Electronics...
FDC3612-TP TECHPUBLIC-FDC3612-TP Datasheet
1Mb / 3P
   100V N-CHANNEL ENHANCEMENT MODE MOSFET
More results

유사한 설명 - FDC3612

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3680_0011 FAIRCHILD-FDS3680_0011 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDD3670 FAIRCHILD-FDD3670_01 Datasheet
68Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3670_0011 FAIRCHILD-FDS3670_0011 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com