전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8556ARZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD8556ARZ
상세설명  Digitally Programmable Sensor Signal Amplifier with EMI Filters
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8556ARZ 데이터시트(HTML) 4 Page - Analog Devices

  AD8556ARZ Datasheet HTML 1Page - Analog Devices AD8556ARZ Datasheet HTML 2Page - Analog Devices AD8556ARZ Datasheet HTML 3Page - Analog Devices AD8556ARZ Datasheet HTML 4Page - Analog Devices AD8556ARZ Datasheet HTML 5Page - Analog Devices AD8556ARZ Datasheet HTML 6Page - Analog Devices AD8556ARZ Datasheet HTML 7Page - Analog Devices AD8556ARZ Datasheet HTML 8Page - Analog Devices AD8556ARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD8556
Rev. A | Page 4 of 28
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
VDD = 5.0 V, VSS = 0.0 V, VCM = 2.5 V, VO = 2.5 V, −40°C ≤ TA ≤ +140°C, unless otherwise specified.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT STAGE
Input Offset Voltage
VOS
−40°C ≤ TA ≤ +125°C
2
10
μV
−40°C ≤ TA ≤ +140°C
3
12
μV
Input Offset Voltage Drift
TCVOS
25
65
nV/°C
Input Bias Current
IB
TA = 25°C
38
49
54
nA
−40°C ≤ TA ≤ +125°C
58
nA
−40°C ≤ TA ≤ +140°C
60
nA
Input Offset Current
IOS
TA = 25°C
0.2
2.5
nA
−40°C ≤ TA ≤ +125°C
3.0
nA
−40°C ≤ TA ≤ +140°C
4.0
nA
Input Voltage Range
2.1
2.9
V
Common-Mode Rejection Ratio
CMRR
VCM = 2.1 V to 2.9 V, AV = 70
80
92
dB
VCM = 2.1 V to 2.9 V, AV = 1280
94
112
dB
Linearity
VO = 0.2 V to 3.4 V
20
ppm
VO = 0.2 V to 4.8 V
1000
ppm
Differential Gain Accuracy
Second stage gain = 17.5 to 100
0.35
1.6
%
Second stage gain = 140 to 200
0.5
2.5
%
Differential Gain Temperature Coefficient
Second stage gain = 17.5 to 100
7
20
ppm/°C
Second stage gain = 140 to 200
10
40
ppm/°C
RF
14
18
22
RF Temperature Coefficient
600
ppm/°C
DAC
Accuracy
AV = 70, offset codes = 8 to 248
0.2
0.6
%
Ratiometricity
AV = 70, offset codes = 8 to 248
50
ppm
Output Offset
AV = 70, offset codes = 8 to 248
5
35
mV
Temperature Coefficient
−40°C ≤ TA ≤ +125°C
3.3
15
ppm FS/°C
−40°C ≤ TA ≤ +140°C
25
ppm FS/°C
VCLAMP
Input Bias Current
TA = 25°C, VCLAMP = 5 V
200
nA
−40°C ≤ TA ≤ +125°C, VCLAMP = 5 V
500
nA
−40°C ≤ TA ≤ +140°C, VCLAMP = 5 V
550
nA
Input Voltage Range
1.2
4.94
V
OUTPUT BUFFER STAGE
Buffer Offset
3
7
mV
Short-Circuit Current
ISC
5
10
mA
Output Voltage, Low
VOL
RL = 10 kΩ to 5 V
20
mV
Output Voltage, High
VOH
RL = 10 kΩ to 0 V
4.94
V
POWER SUPPLY
Supply Current
ISY
−40°C ≤ TA ≤ +125°C, VO = 2.5 V,
VPOS = VNEG = 2.5 V, VDAC code = 128
2.0
2.7
mA
−40°C ≤ TA ≤ +140°C, VO = 2.5 V,
VPOS = VNEG = 2.5 V, VDAC Code = 128
2.78
mA
Power Supply Rejection Ratio
PSRR
AV = 70
109
125
dB
Supply Voltage Required During Programming
10
°C < T
PROG
< 40
°C, supply capable of
driving 250 mA
5.0
5.25
5.5
V


유사한 부품 번호 - AD8556ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8556ARZ AD-AD8556ARZ Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
AD8556ARZ-REEL AD-AD8556ARZ-REEL Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
AD8556ARZ-REEL7 AD-AD8556ARZ-REEL7 Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
More results

유사한 설명 - AD8556ARZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8556 AD-AD8556_16 Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
AD8555 AD-AD8555_09 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com