전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDC6305 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FDC6305
상세설명  Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6305 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FDC6305 Datasheet HTML 1Page - Fairchild Semiconductor FDC6305 Datasheet HTML 2Page - Fairchild Semiconductor FDC6305 Datasheet HTML 3Page - Fairchild Semiconductor FDC6305 Datasheet HTML 4Page - Fairchild Semiconductor FDC6305 Datasheet HTML 5Page - Fairchild Semiconductor FDC6305 Datasheet HTML 6Page - Fairchild Semiconductor FDC6305 Datasheet HTML 7Page - Fairchild Semiconductor FDC6305 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FDC6305N, Rev. C
FDC6305N
Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
General Description
These N-Channel low threshold 2.5V specified
MOSFETs are produced using Fairchild Semiconductor's
advanced PowerTrench process that has been
especially tailored to minimize on-state resistance and
yet maintain low gate charge for superior switching
performance.
Applications
Load switch
DC/DC converter
Motor driving
Features
2.7 A, 20 V. R
DS(ON) = 0.08 Ω @ VGS = 4.5 V
R
DS(ON) = 0.12 Ω @ VGS = 2.5 V
Low gate charge (3.5nC typical).
Fast switching speed.
High performance trench technology for extremely
low R
DS(ON).
SuperSOTTM-6 package: small footprint (72% smaller
than standard SO-8); low profile (1mm thick).
©1999 Fairchild Semiconductor Corporation
Absolute Maximum Ratings T
A = 25°C unless otherwise noted
Symbol
Parameter
Ratings
Units
VDSS
Drain-Source Voltage
20
V
VGSS
Gate-Source Voltage
±8V
ID
Drain Current
- Continuous
(Note 1a)
2.7
A
- Pulsed
8
PD
Power Dissipation for Single Operation
(Note 1a)
0.96
W
(Note 1b)
0.9
(Note 1c)
0.7
TJ, Tstg
Operating and Storage Junction Temperature Range
-55 to +150
°C
Thermal Characteristics
JA
Thermal Resistance, Junction-to-Ambient
(Note 1a)
130
°C/W
JC
Thermal Resistance, Junction-to-Case
(Note 1)
60
°C/W
Package Outlines and Ordering Information
Device Marking
Device
Reel Size
Tape Width
Quantity
.305
FDC6305N
7’’
8mm
3000 units
March 1999
1
5
3
2
6
4
D1
S2
G1
D2
S1
G2
SuperSOT
-6
TM


유사한 부품 번호 - FDC6305

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
FDC6305N VBSEMI-FDC6305N Datasheet
1Mb / 9P
   Dual N-Channel 20 V (D-S) MOSFET
More results

유사한 설명 - FDC6305

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6890A FAIRCHILD-FDS6890A Datasheet
241Kb / 8P
   Dual N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDC6327C FAIRCHILD-FDC6327C Datasheet
323Kb / 12P
   Dual N & P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDN335N FAIRCHILD-FDN335N Datasheet
210Kb / 8P
   N-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2551N FAIRCHILD-FDZ2551N Datasheet
52Kb / 4P
   Dual N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC637AN FAIRCHILD-FDC637AN Datasheet
240Kb / 8P
   Single N-Channel, 2.5V Specified PowerTrenchTM MOSFET
FDS6875 FAIRCHILD-FDS6875 Datasheet
194Kb / 8P
   Dual P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ201N FAIRCHILD-FDZ201N Datasheet
37Kb / 4P
   N-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
FDZ2552P FAIRCHILD-FDZ2552P Datasheet
52Kb / 4P
   Dual P-Channel 2.5V Specified PowerTrenchTM BGA MOSFET
FDC638P FAIRCHILD-FDC638P Datasheet
240Kb / 9P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com