전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BCP53T1G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 BCP53T1G
상세설명  PNP Silicon Epitaxial Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BCP53T1G 데이터시트(HTML) 1 Page - ON Semiconductor

  BCP53T1G Datasheet HTML 1Page - ON Semiconductor BCP53T1G Datasheet HTML 2Page - ON Semiconductor BCP53T1G Datasheet HTML 3Page - ON Semiconductor BCP53T1G Datasheet HTML 4Page - ON Semiconductor BCP53T1G Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2011
November, 2011 − Rev. 8
1
Publication Order Number:
BCP53T1/D
BCP53 Series,
SBCP53 Series
PNP Silicon
Epitaxial Transistors
This PNP Silicon Epitaxial transistor is designed for use in audio
amplifier applications. The device is housed in the SOT−223 package
which is designed for medium power surface mount applications.
High Current: 1.5 A
NPN Complement is BCP56
The SOT−223 Package can be soldered using wave or reflow. The
formed leads absorb thermal stress during soldering, eliminating the
possibility of damage to the die
Device Marking:
BCP53T1 = AH
BCP53−10T1 = AH−10
BCP53−16T1 = AH−16
AEC−Q101 Qualified and PPAP Capable
S Prefix for Automotive and Other Applications Requiring Unique
Site and Control Change Requirements
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TC = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector−Emitter Voltage
VCEO
−80
Vdc
Collector−Base Voltage
VCBO
−100
Vdc
Emitter−Base Voltage
VEBO
−5.0
Vdc
Collector Current
IC
1.5
Adc
Total Power Dissipation
@ TA = 25°C (Note 1.)
Derate above 25°C
PD
1.5
12
W
mW/°C
Operating and Storage
Temperature Range
TJ, Tstg
−65 to
+150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance,
Junction to Ambient
(surface mounted)
RqJA
83.3
°C/W
Lead Temperature for Soldering,
0.0625″ from case
Time in Solder Bath
TL
260
10
°C
s
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Device mounted on a glass epoxy printed circuit board 1.575 in. x 1.575 in.
x 0.059 in.; mounting pad for the collector lead min. 0.93 sq. in.
Device
Package
Shipping
ORDERING INFORMATION
SOT−223
CASE 318E
STYLE 1
MEDIUM POWER HIGH
CURRENT SURFACE MOUNT
PNP TRANSISTORS
COLLECTOR 2,4
BASE
1
EMITTER 3
MARKING DIAGRAM
BCP53T1G
SOT−223
(Pb−Free)
1000 / Tape &
Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
http://onsemi.com
BCP53−16T1G
SOT−223
(Pb−Free)
1000 / Tape &
Reel
BCP53−10T1G
SOT−223
(Pb−Free)
1000 / Tape &
Reel
BCP53−16T3G
SOT−223
(Pb−Free)
4000 / Tape &
Reel
1
A
= Assembly Location
Y
= Year
W
= Work Week
XXXXX = Specific Device Code
G
= Pb−Free Package
AYW
XXXXXG
G
(*Note: Microdot may be in either location)
SBCP53−16T1G
SOT−223
(Pb−Free)
1000 / Tape &
Reel
SBCP53−10T1G
SOT−223
(Pb−Free)
1000 / Tape &
Reel
SBCP53−10T1G
SOT−223
(Pb−Free)
1000 / Tape &
Reel


유사한 부품 번호 - BCP53T1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
BCP53T1G ONSEMI-BCP53T1G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors MEDIUM POWER HIGH CURRENT SURFACE MOUNT
September, 2013 ??Rev. 10
BCP53T1G ONSEMI-BCP53T1G Datasheet
85Kb / 5P
   PNP Silicon Epitaxial Transistors
September, 2013 ??Rev. 10
BCP53T1G ONSEMI-BCP53T1G Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
More results

유사한 설명 - BCP53T1G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
   PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
logo
Micro Commercial Compon...
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
   PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
   PNP Silicon Epitaxial Transistors
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
   PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
   PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
logo
ON Semiconductor
BCP53 ONSEMI-BCP53_16 Datasheet
76Kb / 5P
   PNP Silicon Epitaxial Transistors
December, 2015 ??Rev. 12
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1037-Q MCC-2SA1037-Q_13 Datasheet
230Kb / 2P
   PNP Silicon Epitaxial Transistors
2SA1576A-Q MCC-2SA1576A-Q Datasheet
254Kb / 3P
   PNP Silicon Epitaxial Transistors
2SB1184-P MCC-2SB1184-P_13 Datasheet
672Kb / 4P
   PNP Silicon Epitaxial Transistors
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com