전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAT24C256WI-G 데이터시트(PDF) 1 Page - ON Semiconductor

부품명 CAT24C256WI-G
상세설명  256 kb I2C CMOS Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CAT24C256WI-G 데이터시트(HTML) 1 Page - ON Semiconductor

  CAT24C256WI-G Datasheet HTML 1Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 2Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 3Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 4Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 5Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 6Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 7Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 8Page - ON Semiconductor CAT24C256WI-G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© Semiconductor Components Industries, LLC, 2012
October, 2012 − Rev. 13
1
Publication Order Number:
CAT24C256/D
CAT24C256
256 kb I2C CMOS Serial
EEPROM
Description
The CAT24C256 is a 256 kb Serial CMOS EEPROM, internally
organized as 32,768 words of 8 bits each.
It features a 64−byte page write buffer and supports the Standard
(100 kHz), Fast (400 kHz) and Fast−Plus (1 MHz) I2C protocol.
Write operations can be inhibited by taking the WP pin High (this
protects the entire memory).
External address pins make it possible to address up to eight
CAT24C256 devices on the same bus.
On−Chip ECC (Error Correction Code) makes the device suitable
for high reliability applications.*
Features
Supports Standard, Fast and Fast−Plus I2C Protocol
1.8 V to 5.5 V Supply Voltage Range
64−Byte Page Write Buffer
Hardware Write Protection for Entire Memory
Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
(SCL and SDA)
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Industrial and Extended Temperature Range
PDIP, SOIC, TSSOP, MSOP 8−Lead and
TDFN, UDFN 8−Pad Packages
This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
Figure 1. Functional Symbol
SDA
SCL
WP
CAT24C256
VCC
VSS
A2, A1, A0
* Available for New Product (Rev. E)
http://onsemi.com
PIN CONFIGURATION
SDA
WP
VCC
VSS
A2
A1
A0
1
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
SOIC−8
W SUFFIX
CASE 751BD
SOIC−8
X SUFFIX
CASE 751BE
SCL
PDIP (L), SOIC (W, X), TSSOP (Y),
TDFN (ZD2)**, UDFN (HU4), MSOP (Z)
PDIP−8
L SUFFIX
CASE 646AA
TSSOP−8
Y SUFFIX
CASE 948AL
Device Address
A0, A1, A2
Serial Data
SDA
Serial Clock
SCL
Write Protect
WP
Power Supply
VCC
Ground
VSS
Function
Pin Name
PIN FUNCTION
For the location of Pin 1, please consult the
corresponding package drawing.
TDFN−8**
ZD2 SUFFIX
CASE 511AM
UDFN−8
HU4 SUFFIX
CASE 517AZ
** Not recommended for new designs
MSOP−8
Z SUFFIX
CASE 846AD
†The exposed pad for the TDFN/UDFN packages can
be left floating or connected to Ground.


유사한 부품 번호 - CAT24C256WI-G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C256WI-GT2 ONSEMI-CAT24C256WI-GT2 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256WI-GT3 CATALYST-CAT24C256WI-GT3 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C256WI-GT3 ONSEMI-CAT24C256WI-GT3 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
CAT24C256WI-GT3 ONSEMI-CAT24C256WI-GT3 Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256WI-GT3 ONSEMI-CAT24C256WI-GT3 Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
More results

유사한 설명 - CAT24C256WI-G

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
   256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256LI ONSEMI-CAT24C256LI Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256YI-G ONSEMI-CAT24C256YI-G Datasheet
205Kb / 18P
   256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAT24C256HU4IGT3 ONSEMI-CAT24C256HU4IGT3 Datasheet
193Kb / 18P
   256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256 ONSEMI-CAT24C256 Datasheet
187Kb / 14P
   256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
logo
Catalyst Semiconductor
CAT24C256 CATALYST-CAT24C256 Datasheet
547Kb / 14P
   256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
   EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
   256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com