전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2ZS180B 데이터시트(PDF) 2 Page - First Components International

부품명 2ZS180B
상세설명  2 Watt SURFACE MOUNT ZENER DIODES (110V to 350V)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FCI [First Components International]
홈페이지  http://www.cotra.com.tw/
Logo FCI - First Components International

2ZS180B 데이터시트(HTML) 2 Page - First Components International

  2ZS180B Datasheet HTML 1Page - First Components International 2ZS180B Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
2 Watt SURFACE MOUNT
ZENER DIODES (110V to 350V)
RATING AND CHARACTERISTIC CURVES 2ZS110B THRU 2ZS350B
FIG. 2 - ZENER VOLTAGE VERSUS ZENER CURRENT
SINGLE PHASE
HALF WAVF
60HZ
RESISTIVE OR
INDUCTIVE LOAD
0.375”(9.5mm) LEAD LENGTHS
2
0
FIG. 1 - MAXIMUM CONTINUOUS POWER DISSIPARION
10
5
2
1
0.5
0.2
0.1
100
150
200
250
300
350
400
25
50
75
100
125
150
175
VZ, ZENER VOLTAGE (VOLTS)
LEAD TEMPERATURE, ℃
TJ=25℃
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARCTERISTICS
10
4
1.0
.4
0.1
.04
.01
10
1.0
0.1
.01
TJ=25℃
PULSE WIDTH=300us
1% DUTY CYCLE
0
20
40
60
80
100
120
140
PERCENT OF RATED ZENER VOLTAGE
.4
.6
.8
1.0
1.2
1.4
1.6
INSTANTANEOUS
FORWARD VOLTAGE, VOLTS
FIG. 5 - TYPICAL TEMPERATURE COEFFICIENTS
1000
500
200
100
50
20
10
10
20
50
100
200
400
1000
VZ ZENER VOLTAGE @IZT(VOLTS)


유사한 부품 번호 - 2ZS180B

제조업체부품명데이터시트상세설명
logo
Frontier Electronics.
2ZS180B FRONTIER-2ZS180B Datasheet
121Kb / 2P
   2WATT SURFACE MOUNT ZENER DIODE
More results

유사한 설명 - 2ZS180B

제조업체부품명데이터시트상세설명
logo
First Components Intern...
MLL700 FCI-MLL700 Datasheet
102Kb / 2P
   2.4V to 110V MLL ZENER DIODES (1/2 Watt)
Z10-110 FCI-Z10-110 Datasheet
257Kb / 3P
   1 Watt ZENER DIODES (110V to 390V) Excellent Clamping Capability
logo
AiT Semiconductor Inc.
BZT52B2V0 AITSEMI-BZT52B2V0 Datasheet
456Kb / 6P
   2 PIN SURFACE MOUNT ZENER DIODES ZENER DIODES
REV1.2
logo
Micro Commercial Compon...
3SMBJ5913B-TP MCC-3SMBJ5913B-TP Datasheet
250Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
3SMBJ5918B MCC-3SMBJ5918B_18 Datasheet
347Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMBJ5333B MCC-SMBJ5333B Datasheet
1Mb / 4P
   5 Watt Surface Mount Silicon Zener Diodes
3SMAJ5930B-TP MCC-3SMAJ5930B-TP Datasheet
266Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
SMA5C5V1 MCC-SMA5C5V1 Datasheet
281Kb / 3P
   3.0 Watt Surface Mount Silicon Zener Diodes
3SMAJ5913B MCC-3SMAJ5913B_18 Datasheet
329Kb / 4P
   3.0 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com