전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD3690 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDD3690
상세설명  100V N-Channel PowerTrench MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3690 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDD3690 Datasheet HTML 1Page - Fairchild Semiconductor FDD3690 Datasheet HTML 2Page - Fairchild Semiconductor FDD3690 Datasheet HTML 3Page - Fairchild Semiconductor FDD3690 Datasheet HTML 4Page - Fairchild Semiconductor FDD3690 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
FDD3690 Rev. C(W)
Typical Characteristics
0
2
4
6
8
10
0
5
10
15
20
25
30
Qg, GATE CHARGE (nC)
I
D = 5.4 A
V
DS = 20V
50
V
30V
0
500
1000
1500
2000
2500
0
10
20304050
VDS, DRAIN TO SOURCE VOLTAGE (V)
C
ISS
CRSS
COSS
f = 1MHz
V
GS = 0 V
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
100
µs
R
DS(ON) LIMIT
V
GS = 10V
SINGLE PULSE
RθJA = 96
oC/W
T
A = 25
oC
10ms
1ms
0
10
20
30
40
50
0.01
0.1
1
10
100
1000
t1, TIME (SEC)
SINGLE PULSE
RθJA = 96
oC/W
T
A = 25
oC
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t
1, TIME (sec)
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
D = 0.5
RθJA(t) = r(t) + RθJA
RθJA = 96 °C/W
TJ - TA = P * RθJA(t)
Duty Cycle, D = t1 / t2
P(pk)
t1
t2
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1b.
Transient thermal response will change depending on the circuit board design.


유사한 부품 번호 - FDD3690

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FDD3690 ISC-FDD3690 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FDD3690

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3680_0011 FAIRCHILD-FDS3680_0011 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDD3670 FAIRCHILD-FDD3670_01 Datasheet
68Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3670_0011 FAIRCHILD-FDS3670_0011 Datasheet
85Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com