전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3074Y 데이터시트(PDF) 4 Page - Toshiba Semiconductor

부품명 2SC3074Y
상세설명  High Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC3074Y 데이터시트(HTML) 4 Page - Toshiba Semiconductor

  2SC3074Y Datasheet HTML 1Page - Toshiba Semiconductor 2SC3074Y Datasheet HTML 2Page - Toshiba Semiconductor 2SC3074Y Datasheet HTML 3Page - Toshiba Semiconductor 2SC3074Y Datasheet HTML 4Page - Toshiba Semiconductor 2SC3074Y Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2SC3074
2010-08-27
4
PC – Ta
VBE (sat) – IC
IC – VBE
Collector current IC (A)
Base-emitter voltage VBE (V)
Collector-emitter voltage VCE (V)
Safe Operating Area
Ambient temperature Ta (°C)
0.1
0.03
Common emitter
IC/IB = 20
25
100
Tc = −55°C
10
0.1
0.3
1
3
10
0.3
0.5
1
3
5
0
0
Common emitter
VCE = 1 V
5
4
3
2
1
0.4
0.8
1.2
1.6
2.4
2.0
25
−55
Tc = 100°C
28
0
0
(1) Tc = Ta infinite heat sink
(2) Ceramic substrate
50 × 50 × 0.8 mm
(3) No heat sink
20
40
60
80
100
120
160
4
8
12
16
20
(1)
(2)
(3)
24
140
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated
linearly with increase in
temperature.
0.01
0.1
10
IC max (continuous)
IC max (pulsed)*
VCEO max
1 ms*
10 ms*
DC operation
Tc = 25°C
30
100
3
10
0.3
1
1
0.03
0.05
0.1
0.3
0.5
5
3


유사한 부품 번호 - 2SC3074Y

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
2SC3074 TOSHIBA-2SC3074 Datasheet
195Kb / 4P
   TRANSISTOR (HIGH CURRENT SWITCHING APPLICATIONS)
logo
Guangdong Kexin Industr...
2SC3074 KEXIN-2SC3074 Datasheet
43Kb / 2P
   Silicon NPN Epitaxial
logo
Toshiba Semiconductor
2SC3074 TOSHIBA-2SC3074 Datasheet
189Kb / 5P
   High Current Switching Applications
2SC3074 TOSHIBA-2SC3074 Datasheet
194Kb / 5P
   High Current Switching Applications
logo
Inchange Semiconductor ...
2SC3074 ISC-2SC3074 Datasheet
306Kb / 2P
   isc Silicon NPN Power Transistor
More results

유사한 설명 - 2SC3074Y

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
   HIGH CURRENT SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SA2039 SANYO-2SA2039_12 Datasheet
507Kb / 10P
   High-Current Switching Applications
2SA2124 SANYO-2SA2124_12 Datasheet
423Kb / 7P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
   High Current Switching Applications
2SA1244 TOSHIBA-2SA1244_10 Datasheet
172Kb / 5P
   High Current Switching Applications
logo
Sanyo Semicon Device
CPH3105 SANYO-CPH3105_05 Datasheet
83Kb / 5P
   High-Current Switching Applications
2SB1123 SANYO-2SB1123_10 Datasheet
105Kb / 5P
   High-Current Switching Applications
logo
Toshiba Semiconductor
2SC5175 TOSHIBA-2SC5175_04 Datasheet
129Kb / 4P
   High-Current Switching Applications
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
   High-Current Switching Applications
FX510 SANYO-FX510 Datasheet
105Kb / 4P
   High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
   High-Current Switching Applications
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com