전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLP281GB 데이터시트(PDF) 3 Page - Toshiba Semiconductor

부품명 TLP281GB
상세설명  PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP281GB 데이터시트(HTML) 3 Page - Toshiba Semiconductor

  TLP281GB Datasheet HTML 1Page - Toshiba Semiconductor TLP281GB Datasheet HTML 2Page - Toshiba Semiconductor TLP281GB Datasheet HTML 3Page - Toshiba Semiconductor TLP281GB Datasheet HTML 4Page - Toshiba Semiconductor TLP281GB Datasheet HTML 5Page - Toshiba Semiconductor TLP281GB Datasheet HTML 6Page - Toshiba Semiconductor TLP281GB Datasheet HTML 7Page - Toshiba Semiconductor TLP281GB Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TLP281,TLP281-4
2007-10-01
3
Absolute Maximum Ratings (Ta = 25℃)
RATING
CHARACTERISTIC
SYMBOL
TLP281
TLP281−4
UNIT
Forward Current
IF
50
mA
Forward Current Derating
∆IF /°C
−0.7 (Ta≥53°C)
−0.5 (Ta≥25°C)
mA /°C
Pulse Forward Current
IFP
1
A
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Collector-Emitter Voltage
VCEO
80
V
Emitter-Collector Voltage
VECO
7
V
Collector Current
IC
50
mA
Collector Power Dissipation
(1 Circuit)
PC
150
100
mW
Collector Power Dissipation
Derating(Ta≥25°C) (1 Circuit)
∆PC /°C
−1.5
−1.0
mW /°C
Junction Temperature
Tj
125
°C
Operating Temperature Range
Topr
−55~100
°C
Storage Temperature Range
Tstg
−55~125
°C
Lead Soldering Temperature
Tsol
260 (10s)
°C
Total Package Power Dissipation
(1 Circuit)
PT
200
170
mW
Total Package Power Dissipation
Derating (Ta≥25°C) (1 Circuit)
∆PT /°C
−2.0
−1.7
mW /°C
Isolation Voltage
(Note1)
BVS
2500(AC,1min,R.H.≤60%)
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
(Note1) Device considered a two terminal device : LED side pins shorted together and DETECTOR side pins shorted
together.
Individual Electrical Characteristics (Ta = 25℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
10
μA
Capacitance
CT
V = 0, f = 1 MHz
30
pF
Collector-Emitter
Breakdown Voltage
V(BR) CEO
IC = 0.5 mA
80
V
Emitter-Collector
Breakdown Voltage
V(BR) ECO
IE = 0.1 mA
7
V
VCE = 48 V,
Ambient Light Below
(100 ℓx)
0.01
(2)
0.1
(10)
μA
Collector Dark Current
(Note2)
ICEO
VCE = 48 V, Ta = 85°C
Ambient Light Below
(100 ℓx)
2
(4)
50
(50)
μA
Capacitance
(Collector to Emitter)
CCE
V = 0, f = 1 MHz
10
pF
(Note 2) Because of the construction,leak current might be increased by ambient light.
Please use photocoupler with less ambient light.


유사한 부품 번호 - TLP281GB

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP281GB-TP TOSHIBA-TLP281GB-TP Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
More results

유사한 설명 - TLP281GB

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TLP281-4JF TOSHIBA-TLP281-4JF Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281 TOSHIBA-TLP281 Datasheet
197Kb / 7P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4GBTPJF TOSHIBA-TLP281-4GBTPJF Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281-4GB-TP TOSHIBA-TLP281-4GB-TP Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP281GB-TP TOSHIBA-TLP281GB-TP Datasheet
260Kb / 8P
   PROGRAMMABLE CONTROLLERS AC/DC-INPUT MODULE PC CARD MODEM(PCMCIA)
TLP280F TOSHIBA-TLP280F Datasheet
185Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP280GB-TP TOSHIBA-TLP280GB-TP Datasheet
210Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP280 TOSHIBA-TLP280 Datasheet
219Kb / 9P
   Programmable Controllers AC/DC?묲nput Module PC Card Modem (PCMCIA)
TLP572-07 TOSHIBA-TLP572-07 Datasheet
229Kb / 9P
   Programmable Controllers AC/DC-Input Module
logo
Fairchild Semiconductor
TLP630 FAIRCHILD-TLP630 Datasheet
892Kb / 9P
   Programmable Controllers AC / DC-Input Module Telecommunication
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com