전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1SV276TPH3F 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 1SV276TPH3F
상세설명  VCO for UHF Band Radio
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

1SV276TPH3F 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  1SV276TPH3F Datasheet HTML 1Page - Toshiba Semiconductor 1SV276TPH3F Datasheet HTML 2Page - Toshiba Semiconductor 1SV276TPH3F Datasheet HTML 3Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1SV276
2007-11-01
1
TOSHIBA Variable Capacitance Diode Silicon Epitaxial Planar Type
1SV276
VCO for UHF Band Radio
• High capacitance ratio: C1 V/C4 V = 2.0 (typ.)
• Low series resistance: rs = 0.22 Ω (typ.)
• Small package
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Reverse voltage
VR
10
V
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
−55~125
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the
Toshiba Semiconductor Reliability Handbook (“Handling
Precautions”/“Derating Concept and Methods”) and individual
reliability data (i.e. reliability test report and estimated failure rate,
etc).
Electrical Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Reverse voltage
VR
IR = 1 μA
10
V
Reverse current
IR
VR = 10 V
3
nA
Capacitance
C1 V
VR = 1 V, f = 1 MHz
15
16
17
pF
Capacitance
C4 V
VR = 4 V, f = 1 MHz
7.0
8.0
8.5
pF
Capacitance ratio
C1 V/C4 V
1.8
2.0
Series resistance
rs
VR = 1 V, f = 470 MHz
0.22
0.4
Ω
Marking
Unit: mm
JEDEC
JEITA
TOSHIBA
1-1E1A
Weight: 0.004 g (typ.)


유사한 부품 번호 - 1SV276TPH3F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
1SV276 TOSHIBA-1SV276 Datasheet
87Kb / 2P
   VARIABLE CAPACITANCE DIODE (VCO FOR UHF BAND RADIO)
1SV276 TOSHIBA-1SV276 Datasheet
254Kb / 3P
   VCO for UHF Band Radio
logo
Guangdong Kexin Industr...
1SV276 KEXIN-1SV276 Datasheet
32Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Zhaoxingwei Electronics...
1SV276 ZHAOXINGWEI-1SV276 Datasheet
43Kb / 1P
   Silicon Epitaxial Planar Diode
logo
Toshiba Semiconductor
1SV276 TOSHIBA-1SV276_07 Datasheet
254Kb / 3P
   VCO for UHF Band Radio
More results

유사한 설명 - 1SV276TPH3F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
1SV280 TOSHIBA-1SV280_07 Datasheet
234Kb / 3P
   VCO for UHF Band Radio
1SV314 TOSHIBA-1SV314_07 Datasheet
144Kb / 3P
   VCO for UHF Band Radio
JDV2S07FS TOSHIBA-JDV2S07FS Datasheet
149Kb / 3P
   VCO for UHF Band Radio
JDV2S07S TOSHIBA-JDV2S07S Datasheet
96Kb / 3P
   VCO for UHF Band Radio
JDV2S29FS TOSHIBA-JDV2S29FS Datasheet
113Kb / 3P
   VCO for UHF Band Radio
1SV270 TOSHIBA-1SV270_07 Datasheet
266Kb / 3P
   VCO for UHF Band Radio
1SV310 TOSHIBA-1SV310_07 Datasheet
175Kb / 3P
   VCO for UHF Band Radio
1SV277TPH3F TOSHIBA-1SV277TPH3F Datasheet
159Kb / 3P
   VCO for UHF Band Radio
1SV329TH3FT TOSHIBA-1SV329TH3FT Datasheet
124Kb / 3P
   VCO for UHF Band Radio
JDV2S10T TOSHIBA-JDV2S10T Datasheet
91Kb / 3P
   VCO for UHF Band Radio
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com