전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD6612 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDD6612
상세설명  N-Channel, Logic Level, PowerTrench??MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD6612 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDD6612 Datasheet HTML 1Page - Fairchild Semiconductor FDD6612 Datasheet HTML 2Page - Fairchild Semiconductor FDD6612 Datasheet HTML 3Page - Fairchild Semiconductor FDD6612 Datasheet HTML 4Page - Fairchild Semiconductor FDD6612 Datasheet HTML 5Page - Fairchild Semiconductor FDD6612 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FDD6612A/FDU6612A Rev. E(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Drain-Source Avalanche Ratings (Note 2)
WDSS
Drain-Source Avalanche Energy
Single Pulse, VDD = 27 V, ID=10 A
51
mJ
IAR
Drain-Source Avalanche Current
10
A
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V,
ID = 250
µA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA,Referenced to 25°C
25
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V,
VGS = 0 V
1
µA
IGSS
Gate–Body Leakage
VGS =
±20 V, V
DS = 0 V
±100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS,
ID = 250
µA
1
2.0
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA,Referenced to 25°C
–5.1
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 9.5 A
VGS = 4.5 V,
ID = 8 A
VGS = 10 V,
ID = 9.5 A, TJ=125
°C
15
20
23
20
28
33
m
gFS
Forward Transconductance
VDS = 5 V,
ID = 9.5 A
28
S
Dynamic Characteristics
Ciss
Input Capacitance
660
pF
Coss
Output Capacitance
170
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
90
pF
RG
Gate Resistance
VGS = 15 Mv,
f = 1.0 MHz
2.3
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
9
18
ns
tr
Turn–On Rise Time
5
10
ns
td(off)
Turn–Off Delay Time
24
38
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6
4
8
ns
Qg
Total Gate Charge
6.7
9.4
nC
Qgs
Gate–Source Charge
2.1
nC
Qgd
Gate–Drain Charge
VDS = 15 V,
ID = 9.5 A,
VGS = 5 V
2.7
nC


유사한 부품 번호 - FDD6612

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results

유사한 설명 - FDD6612

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDT461N FAIRCHILD-FDT461N Datasheet
267Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP6030BL FAIRCHILD-FDP6030BL Datasheet
401Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
FDP7045L FAIRCHILD-FDP7045L Datasheet
428Kb / 10P
   N-Channel Logic Level PowerTrench MOSFET
logo
ON Semiconductor
FDMS9409L_F085 ONSEMI-FDMS9409L_F085 Datasheet
604Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
October 2016 Rev. 1.0
FDD9411L_F085 ONSEMI-FDD9411L_F085 Datasheet
580Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
FDD9409L_F085 ONSEMI-FDD9409L_F085 Datasheet
608Kb / 8P
   N-Channel Logic Level PowerTrench MOSFET
December, 2016, Rev. 1.0
logo
Fairchild Semiconductor
FDP7045L FAIRCHILD-FDP7045L_04 Datasheet
110Kb / 5P
   N-Channel Logic Level PowerTrench MOSFET
logo
Guangdong Kexin Industr...
KDB7045L KEXIN-KDB7045L Datasheet
58Kb / 2P
   N-Channel Logic Level PowerTrench MOSFET
logo
Fairchild Semiconductor
FDD6035AL FAIRCHILD-FDD6035AL Datasheet
119Kb / 6P
   N-Channel, Logic Level, PowerTrench MOSFET
FDD6680A FAIRCHILD-FDD6680A Datasheet
200Kb / 8P
   N-Channel, Logic Level, PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com