전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BYG20J-E3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 BYG20J-E3
상세설명  Ultrafast Avalanche SMD Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYG20J-E3 데이터시트(HTML) 3 Page - Vishay Siliconix

  BYG20J-E3 Datasheet HTML 1Page - Vishay Siliconix BYG20J-E3 Datasheet HTML 2Page - Vishay Siliconix BYG20J-E3 Datasheet HTML 3Page - Vishay Siliconix BYG20J-E3 Datasheet HTML 4Page - Vishay Siliconix BYG20J-E3 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BYG20D thru BYG20J
www.vishay.com
Vishay General Semiconductor
Revision: 21-Dec-11
3
Document Number: 88958
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Reverse Current vs. Junction Temperature
Fig. 4 - Max. Reverse Power Dissipation vs. Junction Temperature
Fig. 5 - Diode Capacitance vs. Reverse Voltage
Fig. 6 - Reverse Recovery Time vs. Forward Current
Fig. 7 - Reverse Recovery Charge vs. Forward Current
Fig. 8 - Thermal Response
1
10
100
25
50
75
100
125
150
Junction Temperature (°C)
V
R = VRRM
P
R - Limit
at 100 % V
R
0
10
20
30
40
70
25
50
75
100
125
150
Junction Temperature (°C)
V
R = VRRM
P
R - Limit
at 80 % V
R
50
60
0
5
10
15
20
25
30
0.1
1
10
100
f = 1 MHz
Reverse Voltage (V)
0
0.2
0.4
0.6
0.8
0
100
200
300
400
600
1.0
500
I
R = 0.5 A, iR = 0.125 A
Forward Current (A)
T
A = 125 °C
T
A = 100 °C
T
A = 75 °C
T
A = 25 °C
T
A = 50 °C
0
50
100
150
200
0
0.2
0.4
0.6
0.8
1.0
Forward Current (A)
I
R = 0.5 A, iR = 0.125 A
T
A = 125 °C
T
A = 100 °C
T
A = 75 °C
T
A = 25 °C
T
A = 50 °C
1
10
100
1000
Pulse Length (s)
10-5
10-4
10-3
10-2
10-1
100
101
102
Single Pulse
125 K/W DC
t
p/T = 0.5
t
p/T = 0.2
t
p/T = 0.1
t
p/T = 0.02
t
p/T = 0.05
t
p/T = 0.01


유사한 부품 번호 - BYG20J-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG20J-E3-TR VISHAY-BYG20J-E3-TR Datasheet
93Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
More results

유사한 설명 - BYG20J-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
BYG20D VISHAY-BYG20D_15 Datasheet
96Kb / 6P
   Ultrafast Avalanche SMD Rectifier
Revision: 19-Feb-15
BYG20J-TR VISHAY-BYG20J-TR Datasheet
93Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG20D VISHAY-BYG20D_V01 Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG22B-TR VISHAY-BYG22B-TR Datasheet
92Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 30-Oct-13
BYG22A VISHAY-BYG22A_V01 Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG23M VISHAY-BYG23M_V01 Datasheet
105Kb / 5P
   Ultrafast Avalanche SMD Rectifier
01-Jan-2022
BYG22A VISHAY-BYG22A Datasheet
109Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG23M VISHAY-BYG23M_07 Datasheet
101Kb / 4P
   Ultrafast Avalanche SMD Rectifier
Revision: 27-Aug-07
BYG22DTR3 VISHAY-BYG22DTR3 Datasheet
94Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 21-Dec-11
BYG22A-M3 VISHAY-BYG22A-M3 Datasheet
96Kb / 5P
   Ultrafast Avalanche SMD Rectifier
Revision: 19-Feb-15
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com