전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC3706N 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 UC3706N
상세설명  Dual Output Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC3706N 데이터시트(HTML) 4 Page - Texas Instruments

  UC3706N Datasheet HTML 1Page - Texas Instruments UC3706N Datasheet HTML 2Page - Texas Instruments UC3706N Datasheet HTML 3Page - Texas Instruments UC3706N Datasheet HTML 4Page - Texas Instruments UC3706N Datasheet HTML 5Page - Texas Instruments UC3706N Datasheet HTML 6Page - Texas Instruments UC3706N Datasheet HTML 7Page - Texas Instruments UC3706N Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
UC1706
UC2706
UC3706
D1, D2: UC3611 Schottky Diodes
Transformer Coupled MOSFET Drive Circuit
CIRCUIT DESCRIPTION (cont.)
Charge Pump Circuits
D1, D2; UC3611 Schottky Diodes
APPLICATIONS
Power MOSFET Drive Circuit
D1, D2; UC3611 Schottky Diodes
Power MOSFET Drive Circuit Using Negative Bias Voltage and
Level Shifting to Ground Referenced PWMs
Analog Shutdown
This circuit is included to get a latched shutdown as close
to the outputs as possible, from a time standpoint. With
an internal 130mV threshold, this comparator has a
common-mode range from ground to (VIN – 3V). When
not used, both inputs should be grounded. The time re-
quired for this circuit to latch is inversely proportional to
the amount of overdrive but reaches a minimum of
180nsec. As with the flip-flop, an input off-time of at least
200nsec is required to reset the latch between pulses.
Supply Voltage
With an internal 5V regulator, this circuit is optimized for
use with a 7 to 40V supply; however, with some slight re-
sponse time degradation, it can also be driven from 5V.
When VIN is low, the entire circuit is disabled and no cur-
rent is drawn from VC. When combined with a UC1840
PWM, the Driver Bias switch can be used to supply VIN to
the UC1706.
VIN switching should be fast as if VC is
high, undefined operation of the outputs may occur with
VIN less than 5V.
Thermal Considerations
Should the chip temperature reach approximately 155°C,
a parallel, non--inverting input is activated driving both
outputs to the low state.


유사한 부품 번호 - UC3706N

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC3706N TI-UC3706N Datasheet
715Kb / 10P
[Old version datasheet]   Dual Output Driver
UC3706N TI1-UC3706N Datasheet
756Kb / 11P
[Old version datasheet]   Dual Output Driver
UC3706NG4 TI-UC3706NG4 Datasheet
715Kb / 10P
[Old version datasheet]   Dual Output Driver
UC3706NG4 TI1-UC3706NG4 Datasheet
756Kb / 11P
[Old version datasheet]   Dual Output Driver
More results

유사한 설명 - UC3706N

제조업체부품명데이터시트상세설명
logo
Cherry Semiconductor Co...
CS3706 CHERRY-CS3706 Datasheet
151Kb / 6P
   Dual Output Driver
logo
Texas Instruments
UC1706 TI-UC1706 Datasheet
277Kb / 6P
[Old version datasheet]   Dual Output Driver
logo
ON Semiconductor
CS3706 ONSEMI-CS3706 Datasheet
58Kb / 8P
   Dual Output Driver
December, 2001 - Rev. 2
logo
Texas Instruments
UC1706J TI-UC1706J Datasheet
715Kb / 10P
[Old version datasheet]   Dual Output Driver
UC1706 TI1-UC1706_15 Datasheet
756Kb / 11P
[Old version datasheet]   Dual Output Driver
logo
Analog Devices
ADP3413 AD-ADP3413 Datasheet
142Kb / 8P
   Dual Bootstrapped MOSFET Driver with Output Disable
REV. 0
logo
ON Semiconductor
NCP5810 ONSEMI-NCP5810 Datasheet
192Kb / 13P
   Dual 1 W Output AMOLED Driver Supply
April, 2007 ??Rev. 0
logo
IXYS Corporation
LDS8160 IXYS-LDS8160 Datasheet
656Kb / 39P
   Dual-Output RGB / 6-Channel WLED Driver
logo
Microsemi Corporation
LX1744 MICROSEMI-LX1744 Datasheet
571Kb / 16P
   Dual Output Boost - LED Driver / LCD Bias
logo
ON Semiconductor
NCP5810D ONSEMI-NCP5810D Datasheet
361Kb / 14P
   Dual 1 W Output AMOLED Driver Supply
March, 2008 - Rev. P2
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com