전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC2879DWTR 데이터시트(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
부품명 UC2879DWTR
상세설명  PHASE SHIFT RESONANT CONTROLLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC2879DWTR 데이터시트(HTML) 4 Page - Texas Instruments

  UC2879DWTR Datasheet HTML 1Page - Texas Instruments UC2879DWTR Datasheet HTML 2Page - Texas Instruments UC2879DWTR Datasheet HTML 3Page - Texas Instruments UC2879DWTR Datasheet HTML 4Page - Texas Instruments UC2879DWTR Datasheet HTML 5Page - Texas Instruments UC2879DWTR Datasheet HTML 6Page - Texas Instruments UC2879DWTR Datasheet HTML 7Page - Texas Instruments UC2879DWTR Datasheet HTML 8Page - Texas Instruments UC2879DWTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
UC1879
UC2879
UC3879
SLUS230B – JUNE 1998 – REVISED JUNE 2007
Unless specified; VC = VIN = V
UVSEL = 12 V, CT = 470 pF, RT = 9.53k, RDELSETA-B = RDELSEC-D = 4.8k, CDELSETA-B = CDELSETC-D
= 0.01
µF, T
A = TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Undervoltage Lockout
VUVSEL = VIN
9
10.75
12.5
Start threshold
VUVSEL = Open
12.5
15.25
16.5
V
VUVSEL = VIN
1.15
1.75
2.15
UVLO hysteresis
VUVSEL = Open
5.2
6
7.4
Input bias, UVSEL pin
VUVSEL= VIN = 8 V
30
µA
Supply Current
VIN = VUVSEL = 8 V, VC = 18 V,
IVIN startup
150
600
IDELSETA-B = IDELSETC-D = 0
µA
VIN = VUVSEL = 8 V, VC = 18 V,
IVC startup
10
100
IDELSETA-B = IDELSETC-D = 0
UC3879, UC2879
23
35
IVIN operating
UC1879
23
36
mA
IVC operating
4
8
Voltage Reference
Output voltage
TJ = 25°C
4.92
5
5.08
V
Line regulation
11 V < VIN < 18 V
1
10
mV
Load regulation
IVREF = –10 mA
5
20
Total variation
Line, Load, Temperature
4.875
5.125
V
Short circuit current
VREF = 0 V, TJ = 25°C
–60
–15
mA
Error Amplifier
Error amplifier input voltage
2.4
2.5
2.6
V
Input bias current
0.6
3
µA
AVOL
1 V < VCOMP < 4 V
60
90
dB
PSRR
11 V < VIN < 18 V
85
100
Output sink current
VCOMP = 1 V
1
2.5
mA
Output source current
VCOMP = 4 V
–1.3
–0.5
Output voltage high
ICOMP = –0.5 mA
4
4.7
5
V
Output voltage low
ICOMP = 1 mA
0
0.5
1
Slew rate
TA = 25°C
6
11
V/
µs
4
Submit Documentation Feedback


유사한 부품 번호 - UC2879DWTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2879 TI-UC2879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
More results

유사한 설명 - UC2879DWTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC1875 TI1-UC1875_16 Datasheet
5Mb / 23P
[Old version datasheet]   Phase Shift Reasonant Controller
UCC2895-EP TI1-UCC2895-EP Datasheet
623Kb / 20P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI1-UCC2895-Q1 Datasheet
349Kb / 22P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
UCC2895-Q1 TI-UCC2895-Q1_15 Datasheet
838Kb / 24P
[Old version datasheet]   BiCMOS ADVANCED PHASE-SHIFT PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com