전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

UC27133DG4 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 UC27133DG4
상세설명  Smart Power Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

UC27133DG4 데이터시트(HTML) 9 Page - Texas Instruments

Back Button UC27133DG4 Datasheet HTML 5Page - Texas Instruments UC27133DG4 Datasheet HTML 6Page - Texas Instruments UC27133DG4 Datasheet HTML 7Page - Texas Instruments UC27133DG4 Datasheet HTML 8Page - Texas Instruments UC27133DG4 Datasheet HTML 9Page - Texas Instruments UC27133DG4 Datasheet HTML 10Page - Texas Instruments UC27133DG4 Datasheet HTML 11Page - Texas Instruments UC27133DG4 Datasheet HTML 12Page - Texas Instruments UC27133DG4 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
UC17131/2/3
UC27131/2/3
UC37131/2/3
OUTPUT
DRIVER
DISABLED
ENABLED
V
CDEL
VCC
tINT
ENABLED
INDETERMINATE
STATE
t
D(ON)
t
t
t
V
CDEL_MAX =5.8V
LED
V
FAULT_H
t
t
D(OFF)
V
FAULT_H =4.9V
DISABLED
V
FAULT_L =1.0V
t
D(ON)
Figure 3b. Power interrupt fault operation, high side configuration, VIN = 5VDC.
APPLICATION INFORMATION (cont.)
UDG-98030
OUTPUT
DRIVER
V
CDEL
I
LOAD
tSC
t
t
t
LED
t
tR(OFF)
4.9V
Figure 3c. Overcurrent fault operation.
UDG-98031
UNITRODE CORPORATION
7 CONTINENTAL BOULEVARD
• MERRIMACK, NH 03054
TEL (603) 424-2410
• FAX (603) 424-3460


유사한 부품 번호 - UC27133DG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC27133DG4 TI-UC27133DG4 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
More results

유사한 설명 - UC27133DG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
UC17131 TI-UC17131 Datasheet
90Kb / 10P
[Old version datasheet]   Smart Power Switch
UC17131 TI-UC17131_V01 Datasheet
145Kb / 12P
[Old version datasheet]   Smart Power Switch
logo
Infineon Technologies A...
BTS410E2-E3062A INFINEON-BTS410E2-E3062A Datasheet
324Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS6143D INFINEON-BTS6143D Datasheet
262Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS118D INFINEON-BTS118D Datasheet
336Kb / 10P
   Smart Lowside Power Switch
2004-03-05
BTS410E2 INFINEON-BTS410E2 Datasheet
321Kb / 16P
   Smart Highside Power Switch
2003-Oct-01
BTS412B2 INFINEON-BTS412B2 Datasheet
170Kb / 14P
   Smart Highside Power Switch
03.97
logo
Siemens Semiconductor G...
OBTS141 SIEMENS-OBTS141 Datasheet
138Kb / 10P
   Smart Lowside Power Switch
logo
Infineon Technologies A...
BTS941 INFINEON-BTS941 Datasheet
182Kb / 11P
   Smart Lowside Power Switch
02.12.1998
BTS3134N INFINEON-BTS3134N Datasheet
208Kb / 10P
   Smart Lowside Power Switch
2002-09-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com