전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI2305CDS-T1-GE3 데이터시트(PDF) 6 Page - Vishay Siliconix

부품명 SI2305CDS-T1-GE3
상세설명  P-Channel 8 V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2305CDS-T1-GE3 데이터시트(HTML) 6 Page - Vishay Siliconix

Back Button SI2305CDS-T1-GE3 Datasheet HTML 2Page - Vishay Siliconix SI2305CDS-T1-GE3 Datasheet HTML 3Page - Vishay Siliconix SI2305CDS-T1-GE3 Datasheet HTML 4Page - Vishay Siliconix SI2305CDS-T1-GE3 Datasheet HTML 5Page - Vishay Siliconix SI2305CDS-T1-GE3 Datasheet HTML 6Page - Vishay Siliconix SI2305CDS-T1-GE3 Datasheet HTML 7Page - Vishay Siliconix SI2305CDS-T1-GE3 Datasheet HTML 8Page - Vishay Siliconix SI2305CDS-T1-GE3 Datasheet HTML 9Page - Vishay Siliconix SI2305CDS-T1-GE3 Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
6
Document Number: 64847
S10-0720-Rev. C, 29-Mar-10
Vishay Siliconix
Si2305CDS
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?64847.
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
0
0
0
1
0
1
1
10-1
10-4
100
0.2
0.1
0.05
0.02
Square WavePulse Duration (s)
1
0.1
0.01
Duty Cycle = 0.5
t1
t2
Notes:
PDM
1. Duty Cycle, D =
2. Per Unit Base = RthJA =175 °C/W
3. TJM -- TA =PDMZthJA(t)
t1
t2
4. Surface Mounted
Single Pulse
Normalized Thermal Transient Impedance, Junction-to-Foot
1
0.1
0.01
Duty Cycle = 0.5
Square WavePulse Duration (s)
10-3
10-2
1
10-1
10-4
0.02
Single Pulse
0.1
0.2
0.05


유사한 부품 번호 - SI2305CDS-T1-GE3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI2305CDS-T1-GE3 VBSEMI-SI2305CDS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

유사한 설명 - SI2305CDS-T1-GE3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI1315DL-T1-GE3 VISHAY-SI1315DL-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 29-Nov-10
SIA427ADJ VISHAY-SIA427ADJ Datasheet
231Kb / 9P
   P-Channel 8 V (D-S) MOSFET
Rev. B, 21-May-12
SI8439DB VISHAY-SI8439DB Datasheet
252Kb / 11P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 20-Jul-15
SI2305CDS VISHAY-SI2305CDS Datasheet
105Kb / 5P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 07-Sep-09
SI2305CDS VISHAY-SI2305CDS_13 Datasheet
229Kb / 10P
   P-Channel 8 V (D-S) MOSFET
Rev. C, 29-Mar-10
SI8469DB VISHAY-SI8469DB Datasheet
107Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 08-Nov-10
SI2305CD VISHAY-SI2305CD_V01 Datasheet
195Kb / 9P
   P-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2329DS VISHAY-SI2329DS Datasheet
178Kb / 4P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 04-Jul-11
SI2305ADS VISHAY-SI2305ADS Datasheet
139Kb / 7P
   P-Channel 8-V (D-S) MOSFET
Rev. C, 10-Nov-08
SIB437EDKT VISHAY-SIB437EDKT Datasheet
177Kb / 8P
   P-Channel 8 V (D-S) MOSFET
Rev. A, 14-Feb-11
SI1051X VISHAY-SI1051X Datasheet
138Kb / 6P
   P-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com