전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7949DP-T1-E3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI7949DP-T1-E3
상세설명  Dual P-Channel 60-V (D-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7949DP-T1-E3 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI7949DP-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI7949DP-T1-E3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Document Number: 73130
S09-0223-Rev. B, 09-Feb-09
www.vishay.com
3
Vishay Siliconix
Si7949DP
TYPICAL CHARACTERISTICS
25 °C, unless otherwise noted
On-Resistance vs. Drain Current
Gate Charge
Source-Drain Diode Forward Voltage
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0
5
10
15
20
25
30
VGS = 10 V
ID - Drain Current (A)
VGS = 4.5 V
0
4
8
12
16
20
010
VDS = 30 V
ID = 5 A
Qg - Total Gate Charge (nC)
20
30
40
50
0.0
0.2
0.4
0.6
0.8
1.0
1.2
VSD - Source-to-Drain Voltage (V)
TJ = 150 °C
TJ = 25 °C
40
10
1
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
0
300
600
900
1200
1500
1800
0
102030
405060
Crss
Coss
Ciss
VDS - Drain-to-Source Voltage (V)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 5 A
TJ - Junction Temperature (°C)
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
2468
10
VGS - Gate-to-Source Voltage (V)
ID = 5 A


유사한 부품 번호 - SI7949DP-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7949DP VISHAY-SI7949DP Datasheet
307Kb / 12P
   Dual P-Channel 60-V (D-S) MOSFET
Rev. B, 09-Feb-09
SI7949DP VISHAY-SI7949DP Datasheet
304Kb / 12P
   Dual P-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7949DP VISHAY-SI7949DP_V01 Datasheet
304Kb / 12P
   Dual P-Channel 60-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7949DP-T1-E3

제조업체부품명데이터시트상세설명
logo
Analog Power
AM7961P ANALOGPOWER-AM7961P Datasheet
368Kb / 5P
   Dual P-Channel 60-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBA4670 VBSEMI-VBA4670 Datasheet
728Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
VB4610N VBSEMI-VB4610N Datasheet
728Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
UT6401L-AG6-R VBSEMI-UT6401L-AG6-R Datasheet
504Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
NDS7003P VBSEMI-NDS7003P Datasheet
497Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7949DP VISHAY-SI7949DP_V01 Datasheet
304Kb / 12P
   Dual P-Channel 60-V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
NDC7003P VBSEMI-NDC7003P Datasheet
497Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
VBA4625 VBSEMI-VBA4625 Datasheet
442Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
UPA607T VBSEMI-UPA607T Datasheet
504Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
VBA4670 VBSEMI-VBA4670_V01 Datasheet
736Kb / 9P
   Dual P-Channel 60-V (D-S) MOSFET
logo
Analog Power
AM1963PE ANALOGPOWER-AM1963PE Datasheet
350Kb / 5P
   Dual P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com