전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDG6320C 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FDG6320C
상세설명  Dual N & P Channel Digital FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDG6320C 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FDG6320C Datasheet HTML 2Page - Fairchild Semiconductor FDG6320C Datasheet HTML 3Page - Fairchild Semiconductor FDG6320C Datasheet HTML 4Page - Fairchild Semiconductor FDG6320C Datasheet HTML 5Page - Fairchild Semiconductor FDG6320C Datasheet HTML 6Page - Fairchild Semiconductor FDG6320C Datasheet HTML 7Page - Fairchild Semiconductor FDG6320C Datasheet HTML 8Page - Fairchild Semiconductor FDG6320C Datasheet HTML 9Page - Fairchild Semiconductor FDG6320C Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FDG6320C.Rev D
Typical Electrical Characteristics: P-Channel
Figure 11. On-Region Characteristics.
Figure 12. On-Resistance Variation with
Drain Current and Gate Voltage.
Figure 13. On-Resistance Variation
with Temperature.
Figure 15. Transfer Characteristics.
Figure 14. On-Resistance Variation with
Gate-to-Source Voltage.
Figure 16. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= -4.5V
GS
I = -0.14A
D
0
1
2
3
4
0
0.05
0.1
0.15
0.2
-V
, DRAIN-SOURCE VOLTAGE (V)
V
= -4.5V
GS
DS
-2.7V
-3.0V
-3.5V
-2.0V
-2.5V
0
0.05
0.1
0.15
0.2
0.5
1
1.5
2
2.5
-I , DRAIN CURRENT (A)
V
= -2.0V
GS
D
-4.5V
-4.0V
-3.0V
-2.7V
-3.5V
-2.5V
1.5
2
2.5
3
3.5
4
4.5
5
0
5
10
15
20
25
-V
, GATE TO SOURCE VOLTAGE (V)
GS
I = -0.07A
D
T = 125°C
A
T = 25°C
A
0
1
2
3
4
0
0.02
0.04
0.06
0.08
0.1
0.12
0.14
-V
, GATE TO SOURCE VOLTAGE (V)
V
= -5.0V
DS
GS
T = -55°C
A
125°C
25°C
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
0.3
-V
, BODY DIODE FORWARD VOLTAGE (V)
T = 125°C
A
25°C
-55°C
V
= 0V
GS
SD


유사한 부품 번호 - FDG6320C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDG6321 FAIRCHILD-FDG6321 Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
logo
VBsemi Electronics Co.,...
FDG6321C VBSEMI-FDG6321C Datasheet
1Mb / 9P
   N- and P- Channel 20 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
More results

유사한 설명 - FDG6320C

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C_08 Datasheet
674Kb / 9P
   Dual N & P Channel Digital FET
FDG6321C FAIRCHILD-FDG6321C Datasheet
196Kb / 12P
   Dual N & P Channel Digital FET
FDC6320C FAIRCHILD-FDC6320C Datasheet
100Kb / 7P
   Dual N & P Channel , Digital FET
FDG6322C FAIRCHILD-FDG6322C Datasheet
247Kb / 12P
   Dual N & P Channel Digital FET
FDC6321C FAIRCHILD-FDC6321C Datasheet
273Kb / 11P
   Dual N & P Channel , Digital FET
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
   Dual P-Channel, Digital FET
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
   Digital FET, Dual P-Channel
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
   Dual P-Channel, Digital FET
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
   Dual P-Channel, Digital FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com