전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KMEM001C 데이터시트(PDF) 2 Page - KODENSHI_AUK CORP.

부품명 KMEM001C
상세설명  UV Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KODENSHI [KODENSHI_AUK CORP.]
홈페이지  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

KMEM001C 데이터시트(HTML) 2 Page - KODENSHI_AUK CORP.

  KMEM001C Datasheet HTML 1Page - KODENSHI_AUK CORP. KMEM001C Datasheet HTML 2Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UV Sensor
2/2
KME-M001C
10
8
6
4
2
-1 0
+2
+1
-2
0
Moving Distance(mm)
=4mm
50
X
100
(%)
I = I
Ta=25℃
F
V = 5V
cc
Y
V = 5V
Ta=25℃
cc
Fluorescent
Method of measuring position detection characteristic
-
Paper
X
+
0
0%
Reflective
Y
Relative Output Voltage Vs.
Moving distance
(V)
50
Forward voltage(V )
3.2
3.4
3.0
0
F
3.8
3.6
(㎃)
100
Forward voltage
Ta=25℃
Forward current Vs.
40
Ambient temperature(Ta)
0
4
20
30
10
50
(℃)
Ambient temperature
(㎷)
Allowable Forward Current
Duty Ratio(%)
10
1
30
20
(㎃)
10
50
Duty Ratio Vs.
Ta=25℃
50
100
80
5
20
(℃)
Relative Collector Current Vs.
Ambient temperature(Ta)
20
00
-20
40
60
Ambient temperature
3.3
3.4
3.5
3.6
3.7
3.8
(V)
Ta=25℃
5
6
8
7
9
60
Forward Current(I )
2
1
05
0
F
20
15
10
(mA)
Forward Current
Output VoltageVs.
(V)
4
3
V = 5V
Ta=25℃
CC
Paper
Fluorescent
Paper
Fluorescent
TAR
I = I
F
TAR
V = 5V
cc
100


유사한 부품 번호 - KMEM001C

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
KMEM002C KODENSHI-KMEM002C Datasheet
150Kb / 2P
   IR Sensor
More results

유사한 설명 - KMEM001C

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
GUVX-T1XGS2-2LA2 ETC-GUVX-T1XGS2-2LA2 Datasheet
169Kb / 1P
   UV sensor
GUVX-T1XGS-3LW10 ETC-GUVX-T1XGS-3LW10 Datasheet
200Kb / 1P
   uv sensor
GVBL-S12SD ETC-GVBL-S12SD Datasheet
257Kb / 1P
   UV sensor
GVBL-T13GC-I8LW10 ETC-GVBL-T13GC-I8LW10 Datasheet
343Kb / 1P
   UV sensor
GUVX-S1XSS2-I8H3 ETC-GUVX-S1XSS2-I8H3 Datasheet
265Kb / 1P
   UV sensor
GUVC-T11GS4-3LW5.0 ETC-GUVC-T11GS4-3LW5.0 Datasheet
174Kb / 1P
   Uv sensor
GUVX-S1XSS2-3LWH3 ETC-GUVX-S1XSS2-3LWH3 Datasheet
265Kb / 1P
   UV sensor
GUVX-T1XGS2-I4LW8 ETC-GUVX-T1XGS2-I4LW8 Datasheet
161Kb / 1P
   UV sensor
GUVX-T1XGS2-I8LW10 ETC-GUVX-T1XGS2-I8LW10 Datasheet
166Kb / 1P
   UV sensor
GUVX-T1XGS5-LA2 ETC-GUVX-T1XGS5-LA2 Datasheet
157Kb / 1P
   Uv sensor
logo
KODENSHI_AUK CORP.
KME-M001C KODENSHI-KME-M001C Datasheet
48Kb / 1P
   UV Sensor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com