전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMP90100 데이터시트(PDF) 53 Page - Texas Instruments

부품명 LMP90100
상세설명  LMP90100/LMP90099/LMP90098/LMP90097 Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMP90100 데이터시트(HTML) 53 Page - Texas Instruments

Back Button LMP90100_13 Datasheet HTML 49Page - Texas Instruments LMP90100_13 Datasheet HTML 50Page - Texas Instruments LMP90100_13 Datasheet HTML 51Page - Texas Instruments LMP90100_13 Datasheet HTML 52Page - Texas Instruments LMP90100_13 Datasheet HTML 53Page - Texas Instruments LMP90100_13 Datasheet HTML 54Page - Texas Instruments LMP90100_13 Datasheet HTML 55Page - Texas Instruments LMP90100_13 Datasheet HTML 56Page - Texas Instruments LMP90100_13 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 69 page
background image
LMP90100
www.ti.com
SNAS510P – JANUARY 2011 – REVISED MARCH 2013
REGISTERS
1. If written to, RESERVED bits must be written to only 0 unless otherwise indicated.
2. Read back value of RESERVED bits and registers is unspecified and should be discarded.
3. Recommended values must be programmed and forbidden values must not be programmed where they are
indicated in order to avoid unexpected results.
4. If written to, registers indicated as Reserved must have the indicated default value as shown below. Any
other value can cause unexpected results.
REGISTER MAP
ADDR
Register Name
Type
Default
(URA & LRA)
RESETCN
Reset Control
0x00
WO
-
SPI_HANDSHAKECN
SPI Handshake Control
0x01
R/W
0x00
SPI_RESET
SPI Reset Control
0x02
R/W
0x00
SPI_STREAMCN
SPI Stream Control
0x03
R/W
0x00
Reserved
-
0x04 - 0x07
-
0x00
PWRCN
Power Mode Control and Status
0x08
RO & WO
0x00
DATA_ONLY_1
Data Only Read Control 1
0x09
R/W
0x1A
DATA_ONLY_2
Data Only Read Control 2
0x0A
R/W
0x02
ADC_RESTART
ADC Restart Conversion
0x0B
WO
-
Reserved
-
0x0C - 0x0D
-
0x00
GPIO_DIRCN
GPIO Direction Control
0x0E
R/W
0x00
GPIO_DAT
GPIO Data
0x0F
RO & WO
-
BGCALCN
Background Calibration Control
0x10
R/W
0x00
SPI_DRDYBCN
SPI Data Ready Bar Control
0x11
R/W
0x03
ADC_AUXCN
ADC Auxiliary Control
0x12
R/W
0x00
SPI_CRC_CN
CRC Control
0x13
R/W
0x02
SENDIAG_THLD
Sensor Diagnostic Threshold 1,0
0x14 - 0x15
R/W
0x0000
Reserved
-
0x16
-
0x00
SCALCN
System Calibration Control
0x17
R/W
0x00
ADC_DONE
ADC Data Available
0x18
RO
-
SENDIAG_FLAGS
Sensor Diagnostic Flags
0x19
RO
-
ADC_DOUT
Conversion Data 2,1,0
0x1A - 0x1C
RO
-
SPI_CRC_DAT
CRC Data
0x1D
RO & WO
-
CHANNEL CONFIGURATION REGISTERS (CH4 to CH6 for LMP90100/LMP9099 only)
CH_STS
Channel Status
0x1E
RO
0x00
CH_SCAN
Channel Scan Mode
0x1F
R/W
0x30
CH0_INPUTCN
CH0 Input Control
0x20
R/W
0x01
CH0_CONFIG
CH0 Configuration
0x21
R/W
0x70
CH1_INPUTCN
CH1 Input Control
0X22
R/W
0x13
CH1_CONFIG
CH1 Configuration
0x23
R/W
0x70
CH2_INPUTCN
CH2 Input Control
0x24
R/W
0x25
CH2_CONFIG
CH2 Configuration
0x25
R/W
0x70
CH3_INPUTCN
CH3 Input Control
0x26
R/W
0x37
CH3_CONFIG
CH3 Configuration
0x27
R/W
0x70
CH4_INPUTCN
CH4 Input Control
0x28
R/W
0x01
CH4_CONFIG
CH4 Configuration
0x29
R/W
0x70
CH5_INPUTCN
CH5 Input Control
0x2A
R/W
0x13
CH5_CONFIG
CH5 Configuration
0x2B
R/W
0x70
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: LMP90100


유사한 부품 번호 - LMP90100_13

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
[Old version datasheet]   Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
More results

유사한 설명 - LMP90100_13

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMP90100 TI1-LMP90100 Datasheet
1Mb / 63P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low Power 24-Bit Sensor AFE with True Continuous Background Calibration
LMP90077 TI-LMP90077 Datasheet
1Mb / 64P
[Old version datasheet]   Multi-Channel, Low-Power 16-Bit Sensor AFE with True Continuous Background Calibration
LMP90080-Q1 TI1-LMP90080-Q1 Datasheet
1Mb / 65P
[Old version datasheet]   Multi-Channel 16-Bit Sensor AFE with Background Calibration
LMP90077 TI1-LMP90077_16 Datasheet
1Mb / 70P
[Old version datasheet]   Sensor AFE System: Multi-Channel, Low-Power 16-Bit Sensor AFE
LMP90100 TI1-LMP90100_16 Datasheet
1Mb / 74P
[Old version datasheet]   Sensor AFE System: Multichannel, Low-Power, 24-Bit Sensor AFE
logo
National Semiconductor ...
LMP90100 NSC-LMP90100 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low Power 24-Bit
LMP90080 NSC-LMP90080 Datasheet
1Mb / 62P
   Sensor AFE System: Multi-Channel, Low-Power 16-Bit
logo
Texas Instruments
LMP91000 TI1-LMP91000_14 Datasheet
628Kb / 31P
[Old version datasheet]   Sensor AFE System
LMP91002 TI1-LMP91002 Datasheet
509Kb / 21P
[Old version datasheet]   Sensor AFE System: Configurable AFE Potentiostat
LMP91002 TI1-LMP91002_16 Datasheet
1Mb / 31P
[Old version datasheet]   Sensor AFE System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com