전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDDL300 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDDL300
상세설명  High Conductance Low Leakage Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDDL300 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDDL300 Datasheet HTML 1Page - Fairchild Semiconductor FDDL300 Datasheet HTML 2Page - Fairchild Semiconductor FDDL300 Datasheet HTML 3Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
BV
Breakdown Voltage
IR = 100
µA
150
V
IR
Reverse Current
FDH/FDLL 300/A
FDH/FDLL 333
VR = 125 V
VR = 125 V, TA = 150
°C
VR = 125 V
VR = 125 V, TA = 100
°C
1.0
3.0
3.0
500
nA
µA
nA
nA
VF
Forward Voltage
FDH/FDLL 300/A
FDH/FDLL 300
FDH/FDLL 300A
FDH/FDLL 300/A
FDH/FDLL 300
FDH/FDLL 300A
FDH/FDLL 300/A
FDH/FDLL 300/A
FDH/FDLL 333
IF = 1.0 mA
IF = 5.0 mA
IF = 5.0 mA
IF = 10 mA
IF = 50 mA
IF = 50 mA
IF = 100 mA
IF = 200 mA
IF = 50 mA
IF = 100 mA
IF = 150 mA
IF = 200 mA
IF = 250 mA
IF = 300 mA
800
830
860
0.87
0.88
0.9
680
750
760
800
880
890
920
1.0
890
940
970
1.05
1.08
1.15
mV
mV
mV
mV
mV
mV
mV
V
mV
mV
mV
V
V
V
CO
Diode Capacitance
VR = 0, f = 1.0 MHz
6.0
pF
High Conductance Low Leakage Diode
(continued)


유사한 부품 번호 - FDDL300

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
FDD01-05D0 CHINFA-FDD01-05D0 Datasheet
270Kb / 4P
   DC - DC CONVERTER 1W SINGLE & DUAL OUTPUT
FDD01-05D0 CHINFA-FDD01-05D0 Datasheet
189Kb / 4P
   DC - AC CONCERTER 1W SINGLE & DUAL OUTPUT
FDD01-05D0 CHINFA-FDD01-05D0 Datasheet
168Kb / 4P
   DC - AC CONCERTER 1W SINGLE & DUAL OUTPUT
FDD01-05S0 CHINFA-FDD01-05S0 Datasheet
270Kb / 4P
   DC - DC CONVERTER 1W SINGLE & DUAL OUTPUT
FDD01-05S0 CHINFA-FDD01-05S0 Datasheet
189Kb / 4P
   DC - AC CONCERTER 1W SINGLE & DUAL OUTPUT
More results

유사한 설명 - FDDL300

제조업체부품명데이터시트상세설명
logo
Galaxy Semi-Conductor H...
MMBD1501A BILIN-MMBD1501A_17 Datasheet
172Kb / 4P
   High conductance low leakage diode
logo
Diode Semiconductor Kor...
MMBD1501A DSK-MMBD1501A Datasheet
329Kb / 4P
   High conductance low leakage diode
logo
Guangdong Kexin Industr...
MMBD1701A KEXIN-MMBD1701A Datasheet
41Kb / 2P
   High Conductance Low Leakage Diode
logo
Fairchild Semiconductor
FDLL3595 FAIRCHILD-FDLL3595 Datasheet
31Kb / 3P
   High Conductance, Low Leakage Diode
FDLL300A FAIRCHILD-FDLL300A Datasheet
235Kb / 9P
   High Conductance Low Leakage Diode
logo
National Semiconductor ...
FDLL456 NSC-FDLL456 Datasheet
38Kb / 2P
   High Conductance Low Leakage Diode
logo
Fairchild Semiconductor
FLLD261 FAIRCHILD-FLLD261 Datasheet
51Kb / 5P
   HIGH CONDUCTANCE LOW LEAKAGE DIODE
FDLL485B FAIRCHILD-FDLL485B Datasheet
25Kb / 3P
   High Conductance, Low Leakage Diode
logo
Galaxy Semi-Conductor H...
MMBD1501A BILIN-MMBD1501A Datasheet
245Kb / 4P
   High conductance low leakage diode
logo
Shenzhen Luguang Electr...
MMBD1501A LUGUANG-MMBD1501A Datasheet
282Kb / 3P
   High Conductance Low Leakage Diode
logo
WILLAS ELECTRONIC CORP
MMBD1501A WILLAS-MMBD1501A Datasheet
393Kb / 4P
   High conductance low leakage diode
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com