전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FCB36N60N 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FCB36N60N
상세설명  N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCB36N60N 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FCB36N60N Datasheet HTML 1Page - Fairchild Semiconductor FCB36N60N Datasheet HTML 2Page - Fairchild Semiconductor FCB36N60N Datasheet HTML 3Page - Fairchild Semiconductor FCB36N60N Datasheet HTML 4Page - Fairchild Semiconductor FCB36N60N Datasheet HTML 5Page - Fairchild Semiconductor FCB36N60N Datasheet HTML 6Page - Fairchild Semiconductor FCB36N60N Datasheet HTML 7Page - Fairchild Semiconductor FCB36N60N Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2010 Fairchild Semiconductor Corporation
FCB36N60N Rev. C0
www.fairchildsemi.com
1
March 2013
FCB36N60N
N-Channel SupreMOS® MOSFET
600 V, 36 A, 90 m
Ω
Features
•RDS(on) = 81 mΩ (Typ.)@ VGS = 10 V, ID = 18 A
• Ultra low gate charge (Typ. Qg = 86 nC)
• Low effective output capacitance (Typ. Coss.eff = 361 pF)
• 100% avalanche tested
• RoHS compliant
Applications
• Solar Inverter
• AC-DC Power Supply
Description
The SupreMOS
®
MOSFET is Fairchild Semiconductor
®
’s next-
generation of high voltage super-junction (SJ) technology
employing a deep trench filling process that differentiate it from
the conventional MOSFETs. This advanced technology and pre-
cise process control provide lowest Rsp on-resistance, superior
switching performance and ruggedness. SupreMOS MOSFET is
suitable for high frequency switching power converter applica-
tions such as PFC, server/telecom power, FPD TV power, ATX
power and industrial power applications.
D
G
S
D
S
G
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted*
Thermal Characteristics
Symbol
Parameter
FCB36N60N
Unit
VDSS
Drain to Source Voltage
600
V
VGSS
Gate to Source Voltage
±30
V
ID
Drain Current
-Continuous (TC = 25
oC)
36
A
-Continuous (TC = 100
oC)
22.7
IDM
Drain Current
- Pulsed
(Note 1)
108
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
1800
mJ
IAR
Avalanche Current
12
A
EAR
Repetitive Avalanche Energy
3.12
mJ
dv/dt
MOSFET dv/dt Ruggedness
100
V/ns
Peak Diode Recovery dv/dt
(Note 3)
20
V/ns
PD
Power Dissipation
(TC = 25
oC)
312
W
- Derate above 25oC2.6
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FCB36N60N
Unit
RθJC
Thermal Resistance, Junction to Case
0.4
oC/W
RθJA*
Thermal Resistance, Junction to Ambient *
40
RθJA
Thermal Resistance, Junction to Ambient
62.5
*Drain current limited by maximum junction temperature
*When mounted on the minmium pad size recommended (PCB Mount)


유사한 부품 번호 - FCB36N60N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FCB36N60N FAIRCHILD-FCB36N60N Datasheet
239Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
logo
Inchange Semiconductor ...
FCB36N60N ISC-FCB36N60N Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FCB36N60NTM FAIRCHILD-FCB36N60NTM Datasheet
239Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
More results

유사한 설명 - FCB36N60N

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FCB36N60NTM FAIRCHILD-FCB36N60NTM Datasheet
239Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 36 A, 90 m廓
FCPF7N60NT FAIRCHILD-FCPF7N60NT Datasheet
388Kb / 10P
   N-Channel SupreMOS짰 MOSFET 600 V, 6.8 A, 520 m廓
FCI25N60N FAIRCHILD-FCI25N60N Datasheet
364Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 25 A, 125 m廓
logo
Diodes Incorporated
FCP25N60N DIODES-FCP25N60N Datasheet
460Kb / 8P
   N-Channel SupreMOS짰 MOSFET 600 V, 25 A, 125 m廓
logo
Renesas Technology Corp
N0439N RENESAS-N0439N Datasheet
221Kb / 7P
   N-channel MOSFET 40 V, 90 A, 3.3 m廓
logo
Fairchild Semiconductor
FDD86102 FAIRCHILD-FDD86102 Datasheet
396Kb / 6P
   N-Channel PowerTrench짰 MOSFET 100 V, 36 A, 24 m廓
FCD380N60E FAIRCHILD-FCD380N60E Datasheet
205Kb / 9P
   N-Channel SuperFET짰 II MOSFET 600 V, 10.2 A, 380 m廓
FDMC86248 FAIRCHILD-FDMC86248 Datasheet
262Kb / 7P
   N-Channel Power Trench짰 MOSFET 150 V, 13 A, 90 m廓
logo
Kersemi Electronic Co.,...
KSMU5N60C KERSEMI-KSMU5N60C Datasheet
3Mb / 8P
   N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
KSMD5N60C KERSEMI-KSMD5N60C Datasheet
3Mb / 8P
   N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com