전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD1733TLR 데이터시트(PDF) 4 Page - Rohm

부품명 2SD1733TLR
상세설명  Power Transistor (80V, 1A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

2SD1733TLR 데이터시트(HTML) 4 Page - Rohm

  2SD1733TLR Datasheet HTML 1Page - Rohm 2SD1733TLR Datasheet HTML 2Page - Rohm 2SD1733TLR Datasheet HTML 3Page - Rohm 2SD1733TLR Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
R1120A
www.rohm.com
© 2012 ROHM Co., Ltd. All rights reserved.
Notice
ROHM Customer Support System
http://www.rohm.com/contact/
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact us.
Notes
No copying or reproduction of this document, in part or in whole, is permitted without the
consent of ROHM Co.,Ltd.
The content specified herein is subject to change for improvement without notice.
The content specified herein is for the purpose of introducing ROHM's products (hereinafter
"Products"). If you wish to use any such Product, please be sure to refer to the specifications,
which can be obtained from ROHM upon request.
Examples of application circuits, circuit constants and any other information contained herein
illustrate the standard usage and operations of the Products. The peripheral conditions must
be taken into account when designing circuits for mass production.
Great care was taken in ensuring the accuracy of the information specified in this document.
However, should you incur any damage arising from any inaccuracy or misprint of such
information, ROHM shall bear no responsibility for such damage.
The technical information specified herein is intended only to show the typical functions of and
examples of application circuits for the Products. ROHM does not grant you, explicitly or
implicitly, any license to use or exercise intellectual property or other rights held by ROHM and
other parties. ROHM shall bear no responsibility whatsoever for any dispute arising from the
use of such technical information.
The Products specified in this document are intended to be used with general-use electronic
equipment or devices (such as audio visual equipment, office-automation equipment, commu-
nication devices, electronic appliances and amusement devices).
The Products specified in this document are not designed to be radiation tolerant.
While ROHM always makes efforts to enhance the quality and reliability of its Products, a
Product may fail or malfunction for a variety of reasons.
Please be sure to implement in your equipment using the Products safety measures to guard
against the possibility of physical injury, fire or any other damage caused in the event of the
failure of any Product, such as derating, redundancy, fire control and fail-safe designs. ROHM
shall bear no responsibility whatsoever for your use of any Product outside of the prescribed
scope or not in accordance with the instruction manual.
The Products are not designed or manufactured to be used with any equipment, device or
system which requires an extremely high level of reliability the failure or malfunction of which
may result in a direct threat to human life or create a risk of human injury (such as a medical
instrument, transportation equipment, aerospace machinery, nuclear-reactor controller, fuel-
controller or other safety device). ROHM shall bear no responsibility in any way for use of any
of the Products for the above special purposes. If a Product is intended to be used for any
such special purpose, please contact a ROHM sales representative before purchasing.
If you intend to export or ship overseas any Product or technology specified herein that may
be controlled under the Foreign Exchange and the Foreign Trade Law, you will be required to
obtain a license or permit under the Law.


유사한 부품 번호 - 2SD1733TLR

제조업체부품명데이터시트상세설명
logo
Littelfuse
2SD1733TLQ LITTELFUSE-2SD1733TLQ Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
More results

유사한 설명 - 2SD1733TLR

제조업체부품명데이터시트상세설명
logo
Rohm
2SD1898T100R ROHM-2SD1898T100R Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SB1260 DGNJDZ-2SB1260 Datasheet
612Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SD1898 ROHM-2SD1898_1 Datasheet
96Kb / 5P
   Power Transistor (80V, 1A)
logo
Galaxy Semi-Conductor H...
2SB1260 BILIN-2SB1260 Datasheet
188Kb / 4P
   Power Transistor(-80V,-1A)
logo
Rohm
2SB1260 ROHM-2SB1260_09 Datasheet
203Kb / 3P
   Power Transistor (-80V, -1A)
2SD1898 ROHM-2SD1898_11 Datasheet
120Kb / 4P
   Power Transistor (80V, 1A)
logo
Littelfuse
2SD1733TLQ LITTELFUSE-2SD1733TLQ Datasheet
112Kb / 4P
   Power Transistor (80V, 1A)
logo
Rohm
2SD1898 ROHM-2SD1898_09 Datasheet
177Kb / 4P
   Power Transistor (80V, 1A)
logo
Nanjing International G...
2SD1898 DGNJDZ-2SD1898 Datasheet
777Kb / 4P
   Power Transistor(80V,1A)
logo
Rohm
2SB1260 ROHM-2SB1260_11 Datasheet
146Kb / 3P
   Power Transistor (-80V, -1A)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com