전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS3DV642A0RUAR 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TS3DV642A0RUAR
상세설명  12-Channel 1:2 MUX/DEMUX with1.8V Compatible Control and Power-Down Mode
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DV642A0RUAR 데이터시트(HTML) 3 Page - Texas Instruments

  TS3DV642A0RUAR Datasheet HTML 1Page - Texas Instruments TS3DV642A0RUAR Datasheet HTML 2Page - Texas Instruments TS3DV642A0RUAR Datasheet HTML 3Page - Texas Instruments TS3DV642A0RUAR Datasheet HTML 4Page - Texas Instruments TS3DV642A0RUAR Datasheet HTML 5Page - Texas Instruments TS3DV642A0RUAR Datasheet HTML 6Page - Texas Instruments TS3DV642A0RUAR Datasheet HTML 7Page - Texas Instruments TS3DV642A0RUAR Datasheet HTML 8Page - Texas Instruments TS3DV642A0RUAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
D0+
SEL1
Control Logic
SEL2
SCL
SDA
HPD
CEC
D0-
D1+
D1-
D2+
D2-
D3+
D3-
D0+A
D0-A
D1+A
D1-A
D2+A
D2-A
D3+A
D3-A
D0+B
D0-B
D1+B
D1-B
D2+B
D2-B
D3+B
D3-B
SCL_A
SDA_A
HPD_A
CEC_A
SCL_B
SDA_B
HPD_B
CEC_B
EN
TS3DV642
www.ti.com
SCDS343 – MAY 2013
LOGIC DIAGRAM
Table 1. Functional Table
EN
SEL1
SEL2
FUNCTION
L
X
X
Switch Disabled. All Channel Hi-Z.
H
L
L
D0+/D0– to D0+A/D0–A ON. All the other channels Hi-Z.
H
L
H
D0+/D0– to D0+B/D0–B ON. All the other channels Hi-Z.
H
H
L
Channel A Enabled. Channel B Hi-Z.
H
H
H
Channel B Enabled. Channel A Hi-Z.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TS3DV642


유사한 부품 번호 - TS3DV642A0RUAR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3DV642 TI-TS3DV642 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642-Q1 TI-TS3DV642-Q1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642RUARQ1 TI-TS3DV642RUARQ1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642RUATQ1 TI-TS3DV642RUATQ1 Datasheet
1Mb / 26P
[Old version datasheet]   TS3DV642-Q1 8 Gbps 12-Channel differential 1-to-2 and 2-to-1 mux
TS3DV642 TI-TS3DV642_15 Datasheet
1Mb / 30P
[Old version datasheet]   TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
More results

유사한 설명 - TS3DV642A0RUAR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS3DV642 TI-TS3DV642_15 Datasheet
1Mb / 30P
[Old version datasheet]   TS3DV642 12-Channel 1:2 MUX/DEMUX with 1.8 V Compatible Control and Power-Down Mode
logo
Pericom Semiconductor C...
PI5C33X257 PERICOM-PI5C33X257_05 Datasheet
428Kb / 5P
   12-Channel, 2:1 Mux/DeMux Bus Switch
PI3L720ZHE PERICOM-PI3L720ZHE Datasheet
563Kb / 10P
   2:1 Mux/DeMux Gigabit Ethernet LAN Switch with Power-down Mode
logo
Texas Instruments
TS3DDR3812 TI-TS3DDR3812 Datasheet
529Kb / 18P
[Old version datasheet]   12-Channel, 1:2 MUX/DEMUX Switch for DDR3 Applications
logo
Pericom Semiconductor C...
PI3PCIE3415 PERICOM-PI3PCIE3415 Datasheet
498Kb / 2P
   4 Differential Channel, 2:1 Mux/DeMux
logo
Texas Instruments
HD3SS3411-Q1 TI1-HD3SS3411-Q1 Datasheet
1Mb / 23P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
HD3SS3411 TI1-HD3SS3411 Datasheet
1Mb / 21P
[Old version datasheet]   One Channel Differential 2:1 Mux/Demux
logo
Potato Semiconductor Co...
PO3B3257A POTATO-PO3B3257A_14 Datasheet
1Mb / 5P
   Quad 2:1 Mux/DeMux
logo
Pericom Semiconductor C...
PI2USB3212 PERICOM-PI2USB3212_14 Datasheet
894Kb / 8P
   5.0Gbps USB 3.0 Compatible 2:1 Mux/DeMux Switch
logo
ON Semiconductor
NCN7200 ONSEMI-NCN7200 Datasheet
123Kb / 10P
   Gigabit Ethernet LAN Switch with 2:1 Mux/ DeMux and Power-down Feature
March, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com