전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS3672 데이터시트(PDF) 10 Page - Fairchild Semiconductor

부품명 FDS3672
상세설명  N-Channel PowerTrench MOSFET 100V, 7.5A, 22m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS3672 데이터시트(HTML) 10 Page - Fairchild Semiconductor

Back Button FDS3672 Datasheet HTML 3Page - Fairchild Semiconductor FDS3672 Datasheet HTML 4Page - Fairchild Semiconductor FDS3672 Datasheet HTML 5Page - Fairchild Semiconductor FDS3672 Datasheet HTML 6Page - Fairchild Semiconductor FDS3672 Datasheet HTML 7Page - Fairchild Semiconductor FDS3672 Datasheet HTML 8Page - Fairchild Semiconductor FDS3672 Datasheet HTML 9Page - Fairchild Semiconductor FDS3672 Datasheet HTML 10Page - Fairchild Semiconductor FDS3672 Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2003 Fairchild Semiconductor Corporation
FDS3672 Rev. B
SPICE Thermal Model
REV Aug 2002
FDS3692
Copper Area =1.0 in
2
CTHERM1 TH 8 2e-3
CTHERM2 8 7 5e-3
CTHERM3 7 6 1e-2
CTHERM4 6 5 4e-2
CTHERM5 5 4 9e-2
CTHERM6 4 3 2e-1
CTHERM7 3 2 1
CTHERM8 2 TL 3
RTHERM1 TH 8 1e-1
RTHERM2 8 7 5e-1
RTHERM3 7 6 1
RTHERM4 6 5 5
RTHERM5 5 4 8
RTHERM6 4 3 13
RTHERM7 3 2 19
RTHERM8 2 TL 29.7
SABER Thermal Model
Copper Area = 1.0 in
2
template thermal_model th tl
thermal_c th, tl
{
ctherm.ctherm1 th 8 =2e-3
ctherm.ctherm2 8 7 =5e-3
ctherm.ctherm3 7 6 =1e-2
ctherm.ctherm4 6 5 =4e-2
ctherm.ctherm5 5 4 =9e-2
ctherm.ctherm6 4 3 =2e-1
ctherm7 3 2 1
ctherm8 2 tl 3
rtherm.rtherm1 th 8 =1e-1
rtherm.rtherm2 8 7 =5e-1
rtherm.rtherm3 7 6 =1
rtherm.rtherm4 6 5 =5
rtherm.rtherm5 5 4 =8
rtherm.rtherm6 4 3 =13
}
RTHERM6
RTHERM8
RTHERM7
RTHERM5
RTHERM4
RTHERM3
CTHERM4
CTHERM6
CTHERM5
CTHERM3
CTHERM2
CTHERM1
tl
2
3
4
5
6
7
JUNCTION
CASE
8
th
RTHERM2
RTHERM1
CTHERM7
CTHERM8
TABLE 1. THERMAL MODELS
COMPONANT
0.04 in
2
0.28 in
2
0.52 in
2
0.76 in
2
1.0 in
2
CTHERM6
3.2e-1
3.5e-1
4.0e-1
4.0e-1
4.0e-1
CTHERM7
8.5e-1
9.0e-1
9.0e-1
9.0e-1
9.0e-1
CTHERM8
0.3
1.8
2.0
2.0
2.0
RTHERM6
24
18
12
10
9
RTHERM7
36
21
18
16
15
RTHERM8
53
37
30
28
23


유사한 부품 번호 - FDS3672

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
FDS3672 UMW-FDS3672 Datasheet
378Kb / 7P
   N-Channel MOSFET
logo
VBsemi Electronics Co.,...
FDS3672-NL VBSEMI-FDS3672-NL Datasheet
1,022Kb / 9P
   N-Channel 100 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672_12 Datasheet
317Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 7.5A, 22m廓
More results

유사한 설명 - FDS3672

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS3672 FAIRCHILD-FDS3672_12 Datasheet
317Kb / 7P
   N-Channel PowerTrench짰 MOSFET 100V, 7.5A, 22m廓
logo
MagnaChip Semiconductor...
MDS5652 MGCHIP-MDS5652 Datasheet
756Kb / 6P
   Dual N-Channel Trench MOSFET, 30V, 7.5A, 22m(ohm)
logo
Fairchild Semiconductor
FDD3690 FAIRCHILD-FDD3690 Datasheet
84Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3612 FAIRCHILD-FDC3612 Datasheet
134Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDS3170N7 FAIRCHILD-FDS3170N7 Datasheet
208Kb / 6P
   100V N-Channel PowerTrench MOSFET
FDS3670 FAIRCHILD-FDS3670 Datasheet
204Kb / 8P
   100V N-Channel PowerTrench??MOSFET
FDS3680 FAIRCHILD-FDS3680 Datasheet
202Kb / 8P
   100V N-Channel PowerTrench MOSFET
FDT3612 FAIRCHILD-FDT3612 Datasheet
108Kb / 5P
   100V N-Channel PowerTrench MOSFET
FDC3616N FAIRCHILD-FDC3616N Datasheet
173Kb / 7P
   100V N-Channel PowerTrench MOSFET
FDD3680 FAIRCHILD-FDD3680 Datasheet
75Kb / 5P
   100V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com