전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA79M05RTF 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 KA79M05RTF
상세설명  3-Terminal 0.5A Negative Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA79M05RTF 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  KA79M05RTF Datasheet HTML 1Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 2Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 3Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 4Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 5Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 6Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 7Page - Fairchild Semiconductor KA79M05RTF Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©2012 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.3
Features
• No External Components Required
• Output Current in Excess of 0.5A
• Internal Thermal Overload
• Internal Short Circuit Current Limiting
• Output Transistor Safe Area Compensation
• Output Voltages of -5V, -12V
Description
The KA79MXX series of 3-Terminal medium current
negative voltage regulators are monolithic integrated circuits
designed as fixed voltage regulators. These regulators
employ internal current limiting, thermal shutdown and
safe area compensation making them essentially
indestructible.
TO-220 (Dual Gauge)
D-PAK
1. GND 2. Input 3. Output
1
1
Schematic Diagram
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
Q9
Q10
Q11
Q12
Q13
Q14
Q15
Q16
Q17
Q18
Q19
Q20
Q21 Q22
Q23
Q24 Q25
Q26
Q27
R1
R2
R3
R4
R5
R6
R7
R8
R9
R10 R11
R12
R13
R15
R14
R16
R17
R18
R19
R20
R21
R22
R23
R24
R25
D1
D2
D3
D4
D5
C1
C2
GND
OUT
IN
KA79MXX
3-Terminal 0.5A Negative Voltage Regulator


유사한 부품 번호 - KA79M05RTF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA79M05R FAIRCHILD-KA79M05R Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
KA79M05R FAIRCHILD-KA79M05R Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
More results

유사한 설명 - KA79M05RTF

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
LM79M05 FAIRCHILD-LM79M05_12 Datasheet
144Kb / 6P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_07 Datasheet
188Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
79DXX UTC-79DXX_V01 Datasheet
319Kb / 7P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA79MXX FAIRCHILD-KA79MXX Datasheet
70Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
Unisonic Technologies
79DXX UTC-79DXX_15 Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC79MXX FAIRCHILD-MC79MXX Datasheet
69Kb / 14P
   3-Terminal 0.5A Negative Voltage Regulator
logo
KODENSHI_AUK CORP.
SN79M05D KODENSHI-SN79M05D Datasheet
534Kb / 15P
   3 Terminal 0.5A Negative Voltage Regulator
logo
E-Tech Electronics LTD
79DXX ETL-79DXX Datasheet
198Kb / 6P
   3 TERMINAL 0.5A NEGATIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
LM79MXX FAIRCHILD-LM79MXX Datasheet
231Kb / 5P
   3-Terminal 0.5A Negative Voltage Regulator
KA79MXX FAIRCHILD-KA79MXX_11 Datasheet
127Kb / 12P
   3-Terminal 0.5A Negative Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com