전자부품 데이터시트 검색엔진 |
|
UC3707DWTRG4 데이터시트(PDF) 1 Page - Texas Instruments |
|
UC3707DWTRG4 데이터시트(HTML) 1 Page - Texas Instruments |
1 / 16 page 1 FEATURES DESCRIPTION UC1707, UC2707, UC3707 www.ti.com ............................................................................................................................................. SLUS177B – MARCH 1999 – REVISED SEPTEMBER 2008 DUAL CHANNEL POWER DRIVER • Analog Shutdown With Optional Latch • Two Independent Drivers • Low Quiescent Current • 1.5 A Totem Pole Outputs • 5 V to 40 V Operation • Inverting and Non-Inverting Inputs • Thermal Shutdown Protection • 40 ns Rise and Fall Into 1000 pF • 16-Pin Dual-In-Line Package • High-Speed, Power MOSFET Compatible • 20-Pin PLCC and CLCC Package • Low Cross-Conduction Current Spike The UC1707 family of power drivers is made with a high-speed Schottky process to interface between low-level control functions and high-power switching devices–particularly power MOSFETs. These devices contain two independent channels, each of which can be activated by either a high or low input logic level signal. Each output can source or sink up to 1.5 A as long as power dissipation limits are not exceeded. Although each output can be activated independently with its own inputs, it can be forced low in common through the action either of a digital high signal at the Shutdown terminal or a differential low-level analog signal. The Shutdown command from either source can either be latching or not, depending on the status of the Latch Disable pin. Supply voltage for both VIN and VC can independently range from 5 V to 40 V. These devices are available in two-watt plastic "bat-wing" DIP for operation over a 0°C to 70°C temperature range and, with reduced power, in a hermetically sealed cerdip for –55°C to +125°C operation. Also available in surface mount DW, Q, L packages. TRUTH TABLE (Each Channel)(1) INV. N.I. OUT H H L L H H H L L L L L (1) OUT = INV and N.I. OUT = INV or N.I. 1 Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 1999–2008, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. |
유사한 부품 번호 - UC3707DWTRG4 |
|
유사한 설명 - UC3707DWTRG4 |