전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KA75420ZTA 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 KA75420ZTA
상세설명  Voltage Detector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA75420ZTA 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  KA75420ZTA Datasheet HTML 1Page - Fairchild Semiconductor KA75420ZTA Datasheet HTML 2Page - Fairchild Semiconductor KA75420ZTA Datasheet HTML 3Page - Fairchild Semiconductor KA75420ZTA Datasheet HTML 4Page - Fairchild Semiconductor KA75420ZTA Datasheet HTML 5Page - Fairchild Semiconductor KA75420ZTA Datasheet HTML 6Page - Fairchild Semiconductor KA75420ZTA Datasheet HTML 7Page - Fairchild Semiconductor KA75420ZTA Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
KA75XXX
3
Test Circuit 1.
Test Circuit 2.
Test Circuit 3.
KA75XXX
INPUT
10u
10V
GND
OUTPUT
A1
M
A2
V1
KA75XXX
INPUT
10u
10V
GND
OUTPUT
A1
M
A2
V1
0.1u
50V
10u
50V
R
L
5V
INPUT PULSE
KA75XXX
INPUT
GND
OUTPUT
0.1u
50V
10u
50V
R
L
5V
INPUT PULSE
KA75XXX
INPUT
GND
OUTPUT
V
CC
R
L
LED
KA75XXX
INPUT
GND
OUTPUT
V
CC
R
L
LED
KA75XXX
INPUT
GND
OUTPUT


유사한 부품 번호 - KA75420ZTA

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
KA75420Z FAIRCHILD-KA75420Z Datasheet
48Kb / 8P
   Voltage Detector
More results

유사한 설명 - KA75420ZTA

제조업체부품명데이터시트상세설명
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
   VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
   VOLTAGE DETECTOR
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
   VOLTAGE DETECTOR
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
[Old version datasheet]   VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
   VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
   Voltage Detector
2007
logo
Texas Instruments
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
[Old version datasheet]   VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
   VOLTAGE DETECTOR
logo
Fujitsu Component Limit...
MB3761 FUJITSU-MB3761 Datasheet
414Kb / 13P
   VOLTAGE DETECTOR
logo
Holtek Semiconductor In...
HT70XX HOLTEK-HT70XX Datasheet
131Kb / 16P
   Voltage Detector
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
215Kb / 12P
   Voltage Detector
2002
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com