전자부품 데이터시트 검색엔진 |
|
FDS4675 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
FDS4675 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 5 page FDS4675 Rev C(W) Electrical Characteristics T A = 25°C unless otherwise noted Symbol Parameter Test Conditions Min Typ Max Units Off Characteristics BVDSS Drain–Source Breakdown Voltage VGS = 0 V, ID = –250 µA –40 V ∆BVDSS ∆TJ Breakdown Voltage Temperature Coefficient ID = –250 µA, Referenced to 25°C –34 mV/ °C IDSS Zero Gate Voltage Drain Current VDS = –32 V, VGS = 0 V –1 µA IGSSF Gate–Body Leakage, Forward VGS = 20 V, VDS = 0 V 100 nA IGSSR Gate–Body Leakage, Reverse VGS = –20 V VDS = 0 V –100 nA On Characteristics (Note 2) VGS(th) Gate Threshold Voltage VDS = VGS, ID = –250 µA –1 –1.4 –3 V ∆VGS(th) ∆TJ Gate Threshold Voltage Temperature Coefficient ID = –250 µA, Referenced to 25°C 4.6 mV/ °C RDS(on) Static Drain–Source On–Resistance VGS = –10 V, ID = –11 A VGS = –4.5 V, ID = –9.5 A VGS=–10 V, ID =–11 A, TJ=125 °C 10 13 15 13 17 21 m Ω ID(on) On–State Drain Current VGS = –10 V, VDS = –5 V –25 A gFS Forward Transconductance VDS = –5 V, ID = –11 A 44 S Dynamic Characteristics Ciss Input Capacitance 4350 pF Coss Output Capacitance 622 pF Crss Reverse Transfer Capacitance VDS = –20 V, V GS = 0 V, f = 1.0 MHz 290 pF Switching Characteristics (Note 2) td(on) Turn–On Delay Time 20 36 ns tr Turn–On Rise Time 29 46 ns td(off) Turn–Off Delay Time 95 152 ns tf Turn–Off Fall Time VDD = –20 V, ID = –1 A, VGS = –4.5 V, RGEN = 6 Ω 60 96 ns Qg Total Gate Charge 40 56 nC Qgs Gate–Source Charge 11 nC Qgd Gate–Drain Charge VDS = –20 V, ID = –11 A, VGS = –4.5 V 13 nC Drain–Source Diode Characteristics and Maximum Ratings IS Maximum Continuous Drain–Source Diode Forward Current –2.1 A VSD Drain–Source Diode Forward Voltage VGS = 0 V, IS = –2.1 A (Note 2) –0.7 –1.2 V Notes: 1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design. a) 50°C/W when mounted on a 1in 2 pad of 2 oz copper b) 105°C/W when mounted on a .04 in 2 pad of 2 oz copper c) 125°C/W when mounted on a minimum pad. Scale 1 : 1 on letter size paper 2. Pulse Test: Pulse Width < 300 µs, Duty Cycle < 2.0% |
유사한 부품 번호 - FDS4675 |
|
유사한 설명 - FDS4675 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |