전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6685 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDS6685
상세설명  P-Channel Logic Level PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6685 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDS6685 Datasheet HTML 1Page - Fairchild Semiconductor FDS6685 Datasheet HTML 2Page - Fairchild Semiconductor FDS6685 Datasheet HTML 3Page - Fairchild Semiconductor FDS6685 Datasheet HTML 4Page - Fairchild Semiconductor FDS6685 Datasheet HTML 5Page - Fairchild Semiconductor FDS6685 Datasheet HTML 6Page - Fairchild Semiconductor FDS6685 Datasheet HTML 7Page - Fairchild Semiconductor FDS6685 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS6685 Rev. B
Typical Characteristics (continued)
Figure 7. Gate-Charge Characteristics
Figure 8. Capacitance Characteristics
Figure 9. Maximum Safe Operating Area
Figure 10. Single Pulse Maximum
Power Dissipation
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient themal response will change depending on the circuit board design.
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (s e c )
1
S i n g l e P u l s e
D = 0.5
0.1
0.05
0.02
0.0 1
0.2
D u t y C y c l e, D = t /t
1
2
R
(t) = r(t) * R
R
= 125°C/W
θJA
θJA
θJA
T - T = P * R
(t)
θJA
A
J
P(pk )
t1
t 2
0
500
1000
1500
2000
2500
0
5
10
15
20
25
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
0
2
4
6
8
10
0
5
10
15
20
25
30
35
Qg, GATE CHARGE (nC)
ID = -8.8A
VDS = -5V
-10V
-15V
0.01
0.1
1
10
100
0.1
1
10
100
-VDS, DRAIN-SOURCE VOLTAGE (V)
DC
10s
1s
100ms
10ms
1ms
100
µs
RDS(ON) LIMIT
VGS = -10V
SINGLE PULSE
RθJA = 125
oC/W
TA = 25
oC
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
SINGLE PULSE TIME (SEC)
SINGLE PULSE
RθJA = 125
o
C/W
TA = 25
o
C


유사한 부품 번호 - FDS6685

제조업체부품명데이터시트상세설명
logo
Guangdong Youtai Semico...
FDS6685 UMW-FDS6685 Datasheet
369Kb / 6P
   -30V P-Channel MOSFET
More results

유사한 설명 - FDS6685

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS4435 FAIRCHILD-FDS4435 Datasheet
637Kb / 8P
   P-Channel Logic Level PowerTrenchTM MOSFET
SI4425DY FAIRCHILD-SI4425DY Datasheet
119Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6575 FAIRCHILD-FDS6575 Datasheet
247Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR858P FAIRCHILD-FDR858P Datasheet
261Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDC658P FAIRCHILD-FDC658P Datasheet
249Kb / 8P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS4953 FAIRCHILD-FDS4953 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675 Datasheet
247Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6975 FAIRCHILD-FDS6975 Datasheet
249Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDR8308P FAIRCHILD-FDR8308P Datasheet
268Kb / 8P
   Dual P-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6675 FAIRCHILD-FDS6675_07 Datasheet
515Kb / 5P
   Single P-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com