전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6692 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FDS6692
상세설명  30V N-Channel PowerTrench MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6692 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FDS6692 Datasheet HTML 1Page - Fairchild Semiconductor FDS6692 Datasheet HTML 2Page - Fairchild Semiconductor FDS6692 Datasheet HTML 3Page - Fairchild Semiconductor FDS6692 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FDS6692 Rev D (W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
30
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA, Referenced to 25°C
26
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 24 V, VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage, Forward
VGS = 16 V, VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage, Reverse
VGS = –16 V, VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
1
1.6
3
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA, Referenced to 25°C
–5
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V,
ID = 12 A
VGS = 4.5 V,
ID = 11 A
VGS = 10 V, ID = 12 A, TJ = 125
°C
9.5
11.5
14
12
14.5
m
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
50
A
gFS
Forward Transconductance
VDS = 5 V,
ID = 12 A
50
S
Dynamic Characteristics
Ciss
Input Capacitance
2164
pF
Coss
Output Capacitance
357
pF
Crss
Reverse Transfer Capacitance
VDS = 15 V,
V GS = 0 V,
f = 1.0 MHz
138
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
9
18
ns
tr
Turn–On Rise Time
5
10
ns
td(off)
Turn–Off Delay Time
35
56
ns
tf
Turn–Off Fall Time
VDD = 15 V,
ID = 1 A,
VGS = 10 V, RGEN = 6
10
20
ns
Qg
Total Gate Charge
18
25
nC
Qgs
Gate–Source Charge
5
nC
Qgd
Gate–Drain Charge
VDS = 15 V, ID = 12 A,
VGS = 5 V
5
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.1
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.1 A
(Note 2)
0.7
1.2
V
Notes:
1. RθJA is the s um of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) 50°C/W when
mounted on a 1in
2
pad of 2 oz copper
b) 105°C/W when
mounted on a .04 in
2
pad of 2 oz copper
c) 125°C/W when mounted
on a minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


유사한 부품 번호 - FDS6692

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6692A FAIRCHILD-FDS6692A Datasheet
290Kb / 7P
   N-Channel PowerTrench MOSFET 30V, 9A, 11.5mOhm
FDS6692A FAIRCHILD-FDS6692A_10 Datasheet
464Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30V, 9A, 11.5m廓
More results

유사한 설명 - FDS6692

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDD6692 FAIRCHILD-FDD6692 Datasheet
84Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS6672A FAIRCHILD-FDS6672A Datasheet
205Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6670AL FAIRCHILD-FDD6670AL Datasheet
149Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6688 FAIRCHILD-FDD6688 Datasheet
120Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7296N3 FAIRCHILD-FDS7296N3 Datasheet
122Kb / 7P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A Datasheet
425Kb / 8P
   30V N-Channel PowerTrench MOSFET
FDD6676 FAIRCHILD-FDD6676 Datasheet
85Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDD6672A FAIRCHILD-FDD6672A_01 Datasheet
80Kb / 5P
   30V N-Channel PowerTrench MOSFET
FDD6612A FAIRCHILD-FDD6612A Datasheet
122Kb / 6P
   30V N-Channel PowerTrench MOSFET
FDS7064N7 FAIRCHILD-FDS7064N7 Datasheet
175Kb / 6P
   30V N-Channel PowerTrench MOSFET
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com