전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST26VF064BA-104-5I-TD 데이터시트(PDF) 10 Page - Microchip Technology

부품명 SST26VF064BA-104-5I-TD
상세설명  3.0V Serial Quad I/O (SQI) Flash Memory
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064BA-104-5I-TD 데이터시트(HTML) 10 Page - Microchip Technology

Back Button SST26VF064BA-104-5I-TD Datasheet HTML 6Page - Microchip Technology SST26VF064BA-104-5I-TD Datasheet HTML 7Page - Microchip Technology SST26VF064BA-104-5I-TD Datasheet HTML 8Page - Microchip Technology SST26VF064BA-104-5I-TD Datasheet HTML 9Page - Microchip Technology SST26VF064BA-104-5I-TD Datasheet HTML 10Page - Microchip Technology SST26VF064BA-104-5I-TD Datasheet HTML 11Page - Microchip Technology SST26VF064BA-104-5I-TD Datasheet HTML 12Page - Microchip Technology SST26VF064BA-104-5I-TD Datasheet HTML 13Page - Microchip Technology SST26VF064BA-104-5I-TD Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 76 page
background image
SST26VF064B / SST26VF064BA
DS25119C-page 10
Advance Information
 2013 Microchip Technology Inc.
4.5.1
WRITE-ENABLE LATCH (WEL)
The Write-Enable Latch (WEL) bit indicates the status
of the internal memory’s Write-Enable Latch. If the
WEL bit is set to ‘1’, the device is write enabled. If the
bit is set to ‘0’ (reset), the device is not write enabled
and does not accept any memory Program or Erase,
Protection Register Write, or Lock-Down commands.
The Write-Enable Latch bit is automatically reset under
the following conditions:
• Power-up
• Reset
• Write-Disable (WRDI) instruction completion
• Page-Program instruction completion
• Sector-Erase instruction completion
• Block-Erase instruction completion
• Chip-Erase instruction completion
• Write-Block-Protection register instruction
• Lock-Down Block-Protection register instruction
• Program Security ID instruction completion
• Lockout Security ID instruction completion
• Write-Suspend instruction
• SPI Quad Page program instruction completion
• Write Status Register
4.5.2
WRITE SUSPEND ERASE STATUS
(WSE)
The Write Suspend-Erase status (WSE) indicates
when an Erase operation has been suspended. The
WSE bit is ‘1’ after the host issues a suspend command
during an Erase operation. Once the suspended Erase
resumes, the WSE bit is reset to ‘0’.
4.5.3
WRITE SUSPEND PROGRAM
STATUS (WSP)
The Write Suspend-Program status (WSP) bit indicates
when a Program operation has been suspended. The
WSP is ‘1’ after the host issues a suspend command
during the Program operation. Once the suspended
Program resumes, the WSP bit is reset to ‘0’.
4.5.4
WRITE PROTECTION LOCK-DOWN
STATUS (WPLD)
The Write Protection Lock-Down status (WPLD) bit
indicates when the Block-Protection register is locked-
down to prevent changes to the protection settings.
The WPLD is ‘1’ after the host issues a Lock-Down
Block-Protection command. After a power cycle, the
WPLD bit is reset to ‘0’.
4.5.5
SECURITY ID STATUS (SEC)
The Security ID Status (SEC) bit indicates when the
Security ID space is locked to prevent a Write com-
mand. The SEC is ‘1’ after the host issues a Lockout
SID command. Once the host issues a Lockout SID
command, the SEC bit can never be reset to ‘0.’
4.5.6
BUSY
The Busy bit determines whether there is an internal
Erase or Program operation in progress. If the BUSY
bit is ‘1’, the device is busy with an internal Erase or
Program operation. If the bit is ‘0’, no Erase or Program
operation is in progress.
4.5.7
CONFIGURATION REGISTER
The Configuration register is a Read/Write register that
stores a variety of configuration information. See Table
4-3 for the function of each bit in the register.
TABLE 4-3:
CONFIGURATION REGISTER
Bit
Name
Function
Default at Power-up
Read/Write (R/W)
0
RES
Reserved
0R
1
IOC
I/O Configuration for SPI Mode
1 = WP# and HOLD# pins disabled
0 = WP# and HOLD# pins enabled
01
1. SST26VF064B default at Power-up is ‘0’
SST26VF064BA default at Power-up is ‘1’
R/W
2
RES
Reserved
0R
3
BPNV
Block-Protection Volatility State
1 = No memory block has been permanently locked
0 = Any block has been permanently locked
1R
4
RES
Reserved
0R
5
RES
Reserved
0R
6
RES
Reserved
0R
7
WPEN
Write-Protection Pin (WP#) Enable
1 = WP# enabled
0 = WP# disabled
02
2. Factory default setting. This is a non-volatile bit; default at power-up will be the setting prior to power-down.
R/W


유사한 부품 번호 - SST26VF064BA-104-5I-TD

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST26VF064BA-104I/MF MICROCHIP-SST26VF064BA-104I/MF Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064BA-104I/MF MICROCHIP-SST26VF064BA-104I/MF Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF064BA-104I/SM MICROCHIP-SST26VF064BA-104I/SM Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064BA-104I/SM MICROCHIP-SST26VF064BA-104I/SM Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF064BA-104I/SO MICROCHIP-SST26VF064BA-104I/SO Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
More results

유사한 설명 - SST26VF064BA-104-5I-TD

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
   Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
   Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
   2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
   2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
   2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Silicon Storage Technol...
SST26WF032 SST-SST26WF032 Datasheet
1Mb / 36P
   1.8V Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF020A MICROCHIP-SST26VF020A Datasheet
2Mb / 74P
   2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision C / October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com