전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST26VF064BAT-104-5I-TD 데이터시트(PDF) 9 Page - Microchip Technology

부품명 SST26VF064BAT-104-5I-TD
상세설명  3.0V Serial Quad I/O (SQI) Flash Memory
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF064BAT-104-5I-TD 데이터시트(HTML) 9 Page - Microchip Technology

Back Button SST26VF064BAT-104-5I-TD Datasheet HTML 5Page - Microchip Technology SST26VF064BAT-104-5I-TD Datasheet HTML 6Page - Microchip Technology SST26VF064BAT-104-5I-TD Datasheet HTML 7Page - Microchip Technology SST26VF064BAT-104-5I-TD Datasheet HTML 8Page - Microchip Technology SST26VF064BAT-104-5I-TD Datasheet HTML 9Page - Microchip Technology SST26VF064BAT-104-5I-TD Datasheet HTML 10Page - Microchip Technology SST26VF064BAT-104-5I-TD Datasheet HTML 11Page - Microchip Technology SST26VF064BAT-104-5I-TD Datasheet HTML 12Page - Microchip Technology SST26VF064BAT-104-5I-TD Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 76 page
background image
 2013 Microchip Technology Inc.
Advance Information
DS25119C-page 9
SST26VF064B / SST26VF064BA
4.5
Status Register
The Status register is a read-only register that provides
the following status information: whether the flash
memory array is available for any Read or Write oper-
ation, if the device is write-enabled, whether an erase
or program operation is suspended, and if the Block-
Protection register and/or Security ID are locked down.
During an internal Erase or Program operation, the Sta-
tus register may be read to determine the completion of
an operation in progress. Table 4-2 describes the func-
tion of each bit in the Status register.
TABLE 4-2:
STATUS REGISTER
Bit
Name
Function
Default at
Power-up
Read/Write (R/
W)
0
BUSY
Write operation status
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R
1
WEL
Write-Enable Latch status
1 = Device is write-enabled
0 = Device is not write-enabled
0R
2
WSE
Write Suspend-Erase status
1 = Erase suspended
0 = Erase is not suspended
0R
3
WSP
Write Suspend-Program status
1 = Program suspended
0 = Program is not suspended
0R
4
WPLD
Write Protection Lock-Down status
1 = Write Protection Lock-Down enabled
0 = Write Protection Lock-Down disabled
0R
5
SEC1
1. The Security ID status will always be ‘1’ at power-up after a successful execution of the Lockout Security ID instruction, oth-
erwise default at power-up is ‘0’.
Security ID status
1 = Security ID space locked
0 = Security ID space not locked
01
R
6
RES
Reserved for future use
0R
7
BUSY
Write operation status
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R


유사한 부품 번호 - SST26VF064BAT-104-5I-TD

제조업체부품명데이터시트상세설명
logo
Microchip Technology
SST26VF064BAT-104I/MF MICROCHIP-SST26VF064BAT-104I/MF Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064BAT-104I/MF MICROCHIP-SST26VF064BAT-104I/MF Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF064BAT-104I/SM MICROCHIP-SST26VF064BAT-104I/SM Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064BAT-104I/SM MICROCHIP-SST26VF064BAT-104I/SM Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF064BAT-104I/SO MICROCHIP-SST26VF064BAT-104I/SO Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
More results

유사한 설명 - SST26VF064BAT-104-5I-TD

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016_13 Datasheet
386Kb / 39P
   Serial Quad I/O SQI Flash Memory
logo
Microchip Technology
SST26VF040A MICROCHIP-SST26VF040A Datasheet
781Kb / 73P
   2.5V/3.0V 4-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Silicon Storage Technol...
SST26VF016 SST-SST26VF016 Datasheet
1Mb / 39P
   Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF064B MICROCHIP-SST26VF064B_15 Datasheet
3Mb / 85P
   2.5V/3.0V 64 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF032B MICROCHIP-SST26VF032B Datasheet
927Kb / 77P
   2.5V/3.0V 32 Mbit Serial Quad I/O (SQI) Flash Memory
07/14/15
SST26VF064B MICROCHIP-SST26VF064B_V01 Datasheet
1Mb / 90P
   2.5V/3.0V 64-Mbit Serial Quad I/O??(SQI?? Flash Memory
09/14/21
SST26VF016B MICROCHIP-SST26VF016B Datasheet
2Mb / 77P
   2.5V/3.0V 16 Mbit Serial Quad I/O (SQI) Flash Memory
01/27/15
SST26VF080A MICROCHIP-SST26VF080A Datasheet
792Kb / 72P
   2.5V/3.0V 8-Mbit Serial Quad I/O??(SQI?? Flash Memory
02/28/20
logo
Silicon Storage Technol...
SST26WF032 SST-SST26WF032 Datasheet
1Mb / 36P
   1.8V Serial Quad I/O (SQI) Flash Memory
logo
Microchip Technology
SST26VF020A MICROCHIP-SST26VF020A Datasheet
2Mb / 74P
   2.5V/3.0V 2-Mbit Serial Quad I/O™ (SQI™) Flash Memory
Revision C / October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com