전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS6961A 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDS6961A
상세설명  Dual N-Channel Logic Level PowerTrenchTM MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6961A 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDS6961A Datasheet HTML 1Page - Fairchild Semiconductor FDS6961A Datasheet HTML 2Page - Fairchild Semiconductor FDS6961A Datasheet HTML 3Page - Fairchild Semiconductor FDS6961A Datasheet HTML 4Page - Fairchild Semiconductor FDS6961A Datasheet HTML 5Page - Fairchild Semiconductor FDS6961A Datasheet HTML 6Page - Fairchild Semiconductor FDS6961A Datasheet HTML 7Page - Fairchild Semiconductor FDS6961A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FDS6961A Rev.C
0
1
2
3
4
5
0
3
6
9
12
15
V
, DRAIN-SOURCE VOLTAGE (V)
DS
3.5V
3.0V
4.0V
V
= 10V
GS
6.0V
4.5V
Typical Electrical Characteristics
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1
1.2
1.4
1.6
T , JUNCTION TEMPERATURE (°C)
J
V
= 10V
GS
I = 3.5A
D
Figure 3. On-Resistance Variation with
Temperature.
1
2
3
4
5
0
2
4
6
8
V
, GATE TO SOURCE VOLTAGE (V)
V
=5.0V
DS
GS
T = -55°C
J
25°C
125°C
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage
Variation with Source Current
and Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
3
6
9
12
15
0.5
1
1.5
2
2.5
I
, DRAIN CURRENT (A)
V
= 3.5V
GS
D
10V
4.5 V
6.0V
5.0V
4.0 V
0.2
0.4
0.6
0.8
1
1.2
0.001
0.01
0.1
1
10
V
, BODY DIODE FORWARD VOLTAGE (V)
-55°C
V
= 0V
GS
SD
T = 125°C
J
25°C
2
4
6
8
10
0
0.06
0.12
0.18
0.24
0.3
V
, GATE TO SOURCE VOLTAGE (V)
GS
125°C
25°C
I
= 3.5A
D


유사한 부품 번호 - FDS6961A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6900AS FAIRCHILD-FDS6900AS Datasheet
183Kb / 10P
   Dual N-Ch PowerTrench SyncFET
FDS6900AS_NL FAIRCHILD-FDS6900AS_NL Datasheet
183Kb / 10P
   Dual N-Ch PowerTrench SyncFET
FDS6900S FAIRCHILD-FDS6900S Datasheet
154Kb / 9P
   Dual N-Ch PowerTrench SyncFet
FDS6910 FAIRCHILD-FDS6910 Datasheet
112Kb / 6P
   Dual N-Channel Logic Level PowerTrench MOSFET
FDS6911 FAIRCHILD-FDS6911 Datasheet
115Kb / 6P
   Dual N-Channel Logic Level PowerTrench짰 MOSFET 20V, 7.5A, 13m廓
More results

유사한 설명 - FDS6961A

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS6912A FAIRCHILD-FDS6912A Datasheet
222Kb / 4P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDS6990A FAIRCHILD-FDS6990A Datasheet
119Kb / 5P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDC6561AN FAIRCHILD-FDC6561AN Datasheet
256Kb / 8P
   Dual N-Channel Logic Level PowerTrenchTM MOSFET
FDS6930A FAIRCHILD-FDS6930A Datasheet
195Kb / 8P
   Dual N-Channel, Logic Level, PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com