전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

93AA66 데이터시트(PDF) 1 Page - Microchip Technology

부품명 93AA66
상세설명  1K/2K/4K 1.8V Microwire Serial EEPROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA66 데이터시트(HTML) 1 Page - Microchip Technology

  93AA66 Datasheet HTML 1Page - Microchip Technology 93AA66 Datasheet HTML 2Page - Microchip Technology 93AA66 Datasheet HTML 3Page - Microchip Technology 93AA66 Datasheet HTML 4Page - Microchip Technology 93AA66 Datasheet HTML 5Page - Microchip Technology 93AA66 Datasheet HTML 6Page - Microchip Technology 93AA66 Datasheet HTML 7Page - Microchip Technology 93AA66 Datasheet HTML 8Page - Microchip Technology 93AA66 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 1998-2012 Microchip Technology Inc.
DS20067K-page 1
93AA46/56/66
Features:
• Single supply with programming operation down
to 1.8V
• Low-power CMOS technology:
-70 A typical active read current at 1.8V
-2 A typical standby current at 1.8V
• ORG pin selectable memory configuration:
- 128 x 8- or 64 x 16-bit organization (93AA46)
- 256 x 8- or 128 x 16-bit organization
(93AA56)
- 512 x 8 or 256 x 16-bit organization (93AA66)
• Self-timed erase and write cycles
(including auto-erase)
• Automatic ERAL before WRAL
• Power on/off data protection circuitry
• Industry standard 3-wire serial I/O
• Device status signal during erase/write cycles
• Sequential read function
• 1,000,000 E/W cycles ensured
• Data retention > 200 years
• 8-pin PDIP/SOIC
(SOIC in JEDEC and EIAJ standards)
• Temperature ranges supported:
Description:
The Microchip Technology Inc. 93AA46/56/66 are 1K,
2K and 4K low voltage serial Electrically Erasable
PROMs. The device memory is configured as x8 or x16
bits depending on the ORG pin setup. Advanced
CMOS technology makes these devices ideal for low
power nonvolatile memory applications. The 93AA
Series is available in standard 8-pin PDIP and surface
mount SOIC packages. The rotated pin-out 93AA46X/
56X/66X are offered in the “SN” package only.
Package Types
Block Diagram
- Commercial (C):
0°C to
+70°C
- Industrial (I):
-40°C to
+85°C
1
2
3
4
8
7
6
5
CS
CLK
DI
DO
SS
V
NU
ORG
V
CC
1
2
3
4
8
7
6
5
SS
V
NU
ORG
V
CC
CS
CLK
DI
DO
1
2
3
4
8
7
6
5
ORG
Vss
DO
DI
NU
Vcc
CS
CLK
PDIP
SOIC
SOIC
Memory
Array
Address
Decoder
Address
Counter
Output
Buffer
Data
Register
Mode
Decode
Logic
Clock
Generator
VCC
VSS
DO
DI
ORG
CS
CLK
1K/2K/4K 1.8V Microwire Serial EEPROM
Not recommended for new designs –
Please use 93AA46C, 93AA56C or
93AA66C.


유사한 부품 번호 - 93AA66

제조업체부품명데이터시트상세설명
logo
Microchip Technology
93AA66 MICROCHIP-93AA66 Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93AA66 MICROCHIP-93AA66 Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA66-P MICROCHIP-93AA66-P Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93AA66-SM MICROCHIP-93AA66-SM Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93AA66-SN MICROCHIP-93AA66-SN Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
More results

유사한 설명 - 93AA66

제조업체부품명데이터시트상세설명
logo
Microchip Technology
93AA46-ISN MICROCHIP-93AA46-ISN Datasheet
345Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
10/26/12
93AA46 MICROCHIP-93AA46_04 Datasheet
357Kb / 22P
   1K/2K/4K 1.8V Microwire Serial EEPROM
2004
93AA46 MICROCHIP-93AA46 Datasheet
95Kb / 12P
   1K/2K/4K 1.8V Microwire Serial EEPROM
1996
93LC66 MICROCHIP-93LC66 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46 Datasheet
246Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
07/12/04
93LC46 MICROCHIP-93LC46_13 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC56 MICROCHIP-93LC56 Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46 MICROCHIP-93LC46_04 Datasheet
328Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
2004
93LC46SN MICROCHIP-93LC46SN Datasheet
321Kb / 20P
   1K/2K/4K 2.5V Microwire Serial EEPROM
10/26/12
93LC46 MICROCHIP-93LC46 Datasheet
222Kb / 12P
   1K/2K/4K 2.0V Microwire Serial EEPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com