전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS9431 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDS9431
상세설명  P-Channel 2.5V Specified MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9431 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDS9431 Datasheet HTML 1Page - Fairchild Semiconductor FDS9431 Datasheet HTML 2Page - Fairchild Semiconductor FDS9431 Datasheet HTML 3Page - Fairchild Semiconductor FDS9431 Datasheet HTML 4Page - Fairchild Semiconductor FDS9431 Datasheet HTML 5Page - Fairchild Semiconductor FDS9431 Datasheet HTML 6Page - Fairchild Semiconductor FDS9431 Datasheet HTML 7Page - Fairchild Semiconductor FDS9431 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS9431A Rev. A2
Figure 7. Gate Charge Characteristics.
Figure 8. Capacitance Characteristics.
Figure 9. Maximum Safe Operating Area.
Figure 10. Single Pulse Maximum
Power Dissipation.
Typical Characteristics (continued)
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient themal response will change depending on the circuit board design.
0
1
2
3
4
5
02
46
8
Qg, GATE CHARG E (nC)
ID= -1.6A
V DS= -5V
-15V
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
1000
SINGLE PULSE TIME (SEC)
SINGLE PULSE
RθJA= 125
oC/W
TA= 25
oC
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (s e c )
1
S i n g l e P u l s e
D = 0.5
0.1
0.05
0.02
0.0 1
0.2
D u t y C y c l e, D = t /t
1
2
R
(t) = r(t) * R
R
= 125°C/W
θJA
θJA
θJA
T - T = P * R
(t)
θJA
A
J
P(pk )
t1
t 2
0.1
0.2
0.5
1
2
5
10
20
50
100
200
500
1000
2000
-V
, D R AIN T O SOU R CE VOLTA GE (V)
DS
Ciss
f = 1 M Hz
V
= 0 V
G S
Coss
Crss
0.1
0 .3
1
2
5
10
30
0. 01
0. 05
0.5
3
10
50
- V
, DR AIN -SO UR C E VOLTAGE (V)
RD
S( O
N ) L
I M
IT
A
DC
DS
1s
100
m s
10 m
s
1m
s
10 s
V
= -4.5V
SING L E PUL SE
R
= 135 °C/W
T = 2 5°C
θJA
GS
A
100
us
V
GS = -4.5V
SINGLE PULSE
Rθ
JA = 125°C/W
T
A = 25°C


유사한 부품 번호 - FDS9431

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS9431A FAIRCHILD-FDS9431A Datasheet
364Kb / 5P
   P-Channel 2.5V Specified MOSFET
FDS9431A FAIRCHILD-FDS9431A_10 Datasheet
364Kb / 5P
   P-Channel 2.5V Specified MOSFET
More results

유사한 설명 - FDS9431

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDS9431A FAIRCHILD-FDS9431A_10 Datasheet
364Kb / 5P
   P-Channel 2.5V Specified MOSFET
FDR836P FAIRCHILD-FDR836P Datasheet
224Kb / 8P
   P-Channel 2.5V Specified MOSFET
FDC640P FAIRCHILD-FDC640P Datasheet
261Kb / 8P
   P-Channel 2.5V Specified PowerTrenchTM MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com