전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD807A-155BRRL7 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD807A-155BRRL7
상세설명  Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD807A-155BRRL7 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD807A-155BRRL7 Datasheet HTML 4Page - Analog Devices AD807A-155BRRL7 Datasheet HTML 5Page - Analog Devices AD807A-155BRRL7 Datasheet HTML 6Page - Analog Devices AD807A-155BRRL7 Datasheet HTML 7Page - Analog Devices AD807A-155BRRL7 Datasheet HTML 8Page - Analog Devices AD807A-155BRRL7 Datasheet HTML 9Page - Analog Devices AD807A-155BRRL7 Datasheet HTML 10Page - Analog Devices AD807A-155BRRL7 Datasheet HTML 11Page - Analog Devices AD807A-155BRRL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. B
AD807
–10–
AD807
DATAOUTN
DATAOUTP
VCC2
CLKOUTN
CF1
CF2
VEE
SDOUT
PIN
NIN
AVCC1
THRADJ
AVEE
SDOUT
TP7
R14
50
R15
50
VCC1
CLKOUTP
AVCC2
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
TP5
TP1
TP2
CD
R5 100
R6 100
R10
154
R9
154
C7
R7 100
R8 100
C8
R12
154
R11
154
TP4
R2
100
R1
100
C2 0.1 F
C3 0.1 F
C4 0.1 F
C5 0.1 F
R4
100
R3
100
C2
0.1 F
DATAOUTN
DATAOUTP
CLKOUTN
CLKOUTP
NOTES:
1. ALL CAPACITORS ARE CHIP,
15pF ARE MICA.
2. 150nH ARE SMT
3. C7, C8, C10, C11 ARE 0.1 F
BYPASS CAPACITORS
C1 0.1 F
J1
J2
J3
J4
TP6
R13
THRADJ
C10
C11
C15
0.1 F
C14
0.1 F
R16
301
C12
2.2 F
R17
3.65k
C13
0.1 F
NC
IIN
NC
VBYP
+VS
+OUT
–VS
–OUT
AD8015
1
2
3
4
8
7
6
5
ABB HAFO 1A227
FC HOUSING
0.8A/W, 0.7pF
2.5GHz
0.01 F
0.1 F
NC = NO CONNECT
0.1 F
10 F
15pF
150nH
150nH
15pF
TP3
5V
C9
10 F
50
LINE
50
LINE
Figure 14. Low Cost 155 Mbps Fiber Optic Receiver Schematic
Table I. AD807—AD8015 Fiber Optic Receiver Circuit:
Output Bit Error Rate and Output Jitter vs. Input Power
Average Optical
Input Power
Output Bit
Output Jitter
(dBm)
Error Rate
(ps rms)
–6.4
Loses Lock
–6.5
7.5
× 10–3
–6.6
9.4
× 10–4
–6.7
0
× 10–14
–7.0 to –35.5
0
× 10–14
<40
–36.0
3
× 10–12
<40
–36.5
4.8
× 10–10
–37.0
2.8
× 10–8
–38.0
1.3
× 10–5
–39.0
1.0
× 10–3
–39.2
1.9
× 10–3
–39.3
Loses Lock
APPLICATIONS
Low Cost 155 Mbps Fiber Optic Receiver
The AD807 and AD8015 can be used together for a complete
155 Mbps Fiber Optic Receiver (Quantizer and Clock Recovery,
and Transimpedance Amplifier) as shown in Figure 14.
The PIN diode front end is connected to a single mode 1300 nm
laser source. The PIN diode has 3.3 V reverse bias, 0.8 A/W
responsively, 0.7 pF capacitance, and 2.5 GHz bandwidth.
The AD8015 outputs (POUT and NOUT) drive a differential,
constant impedance (50
Ω) low-pass filter with a 3 dB cutoff
of 100 MHz. The outputs of the low-pass filter are ac coupled
to the AD807 inputs (PIN and NIN). The AD807 PLL damp-
ing factor is set at 7 using a 0.22
µF capacitor.
503mV
100mV/
DIV
–497mV
48.12ns
1ns/DIV
58.12ns
Figure 15. Receiver Output (Data) Eye Diagram,
–7.0 dBm Optical Input
503mV
100mV/
DIV
–497mV
49.12ns
1ns/DIV
59.12ns
Figure 16. Receiver Output (Data) Eye Diagram,
–36.0 dBm Optical Input


유사한 부품 번호 - AD807A-155BRRL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD807A-155BRRL7 AD-AD807A-155BRRL7 Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
More results

유사한 설명 - AD807A-155BRRL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD808 AD-AD808 Datasheet
145Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
AD807 AD-AD807_15 Datasheet
472Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. B
AD807 AD-AD807 Datasheet
226Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. A
AD808 AD-AD808_15 Datasheet
153Kb / 12P
   Fiber Optic Receiver with Quantizer and Clock Recovery and Data Retiming
REV. 0
logo
Agere Systems
1345 AGERE-1345 Datasheet
98Kb / 12P
   1345-Type Receiver with Clock Recovery and Data Retiming
logo
Micro Linear Corporatio...
ML4622 MICRO-LINEAR-ML4622 Datasheet
170Kb / 8P
   Fiber Optic Data Quantizer
logo
Analog Devices
AD800 AD-AD800_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802 AD-AD802_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD800 AD-AD800 Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
logo
Infineon Technologies A...
FOA3251B1 INFINEON-FOA3251B1 Datasheet
600Kb / 25P
   High Speed Clock and Data Recovery for Fiber Optic Applications
V1.0, Aug. 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12