전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS9936A 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FDS9936A
상세설명  Dual N-Channel Enhancement Mode Field Effect Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS9936A 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FDS9936A Datasheet HTML 1Page - Fairchild Semiconductor FDS9936A Datasheet HTML 2Page - Fairchild Semiconductor FDS9936A Datasheet HTML 3Page - Fairchild Semiconductor FDS9936A Datasheet HTML 4Page - Fairchild Semiconductor FDS9936A Datasheet HTML 5Page - Fairchild Semiconductor FDS9936A Datasheet HTML 6Page - Fairchild Semiconductor FDS9936A Datasheet HTML 7Page - Fairchild Semiconductor FDS9936A Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FDS9936A Rev.B
0
2
4
6
8
10
12
14
0
2
4
6
8
10
Q
, GATE CHARGE (nC)
g
I
= 5.5A
D
V
= 5V
DS
10V
15V
0.1
0.2
0.5
1
2
5
10
30
50
0.01
0.05
0.1
0.5
1
2
5
10
30
50
V
, DRAIN-SOURCE VOLTAGE (V)
RDS(ON)
LIMIT
A
DC
DS
1s
100ms
10ms
1ms
10s
V
=10V
SINGLE PULSE
R
= 135°C/W
T
= 25°C
θJA
GS
A
100us
Figure 10. Single Pulse Maximum Power
Dissipation.
0.1
0.2
0.5
1
2
5
10
30
30
50
100
200
500
1000
V
, DRAIN TO SOURCE VOLTAGE (V)
Ciss
f = 1 MHz
V
= 0 V
GS
Coss
Crss
DS
Figure 8. Capacitance Characteristics.
Figure 7. Gate Charge Characteristics.
Figure 9. Maximum Safe Operating Area.
Typical Electrical Characteristics
(continued)
Figure 11. Transient Thermal Response Curve.
Thermal characterization performed using the conditions described in Note 1c.
Transient thermal response will change depending on the circuit board design.
0.01
0.1
0.5
1
10
50 100
300
0
5
10
15
20
25
30
SINGLE PULSE TIME (SEC)
SINGLE PULSE
R
=135° C/W
T = 25°C
θJA
A
0.0001
0.001
0.01
0.1
1
10
100
300
0.001
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t /t
1
2
R
(t) = r(t) * R
R
=135 °C/W
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2


유사한 부품 번호 - FDS9936A

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
FDS9936A-NL VBSEMI-FDS9936A-NL Datasheet
1Mb / 9P
   Dual N-Channel 30-V (D-S) MOSFET
More results

유사한 설명 - FDS9936A

제조업체부품명데이터시트상세설명
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com