전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC1412N 데이터시트(PDF) 7 Page - Microchip Technology

부품명 TC1412N
상세설명  2A High-Speed MOSFET Drivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1412N 데이터시트(HTML) 7 Page - Microchip Technology

Back Button TC1412N Datasheet HTML 3Page - Microchip Technology TC1412N Datasheet HTML 4Page - Microchip Technology TC1412N Datasheet HTML 5Page - Microchip Technology TC1412N Datasheet HTML 6Page - Microchip Technology TC1412N Datasheet HTML 7Page - Microchip Technology TC1412N Datasheet HTML 8Page - Microchip Technology TC1412N Datasheet HTML 9Page - Microchip Technology TC1412N Datasheet HTML 10Page - Microchip Technology TC1412N Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
 2001-2012 Microchip Technology Inc.
DS21391D-page 7
TC1412/TC1412N
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Supply Input (VDD)
The VDD input is the bias supply for the MOSFET driver
and is rated for 4.5V to 16V with respect to the ground
pin. The VDD input should be bypassed to ground with
a local ceramic capacitor. The value of the capacitor
should be chosen based on the capacitive load that is
being driven. A value of 1.0 µF is suggested.
3.2
Control Input (INPUT)
The MOSFET driver input is a high-impedance,
TTL/CMOS-compatible input. The input has 300 mV of
hysteresis between the high and low thresholds which
prevents output glitching even when the rise and fall
time of the input signal is very slow.
3.3
CMOS Push-Pull Output
(OUTPUT)
The MOSFET driver output is a low-impedance, CMOS
push-pull style output, capable of driving a capacitive
load with 2A peak currents.
3.4
Ground (GND)
The ground pins are the return path for the bias current
and for the high peak currents that discharge the load
capacitor. The ground pins should be tied into a ground
plane or have very short traces to the bias supply
source return.
3.5
No Connect (NC)
No internal connection.
Pin
No.
Symbol
Description
1VDD
Supply input, 4.5V to 16V
2
INPUT
Control input
3
NC
No connection
4
GND
Ground
5
GND
Ground
6
OUTPUT CMOS push-pull output,
common to pin 7
7
OUTPUT CMOS push-pull output,
common to pin 6
8VDD
Supply input, 4.5V to 16V


유사한 부품 번호 - TC1412N

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC1412N TELCOM-TC1412N Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412N MICROCHIP-TC1412N Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
TC1412N MICROCHIP-TC1412N Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412N MICROCHIP-TC1412N Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412N MICROCHIP-TC1412N Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
More results

유사한 설명 - TC1412N

제조업체부품명데이터시트상세설명
logo
TelCom Semiconductor, I...
TC1412 TELCOM-TC1412 Datasheet
66Kb / 5P
   2A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC1412NEOA713 MICROCHIP-TC1412NEOA713 Datasheet
282Kb / 16P
   2A High-Speed MOSFET Drivers
03/25/03
TC1412 MICROCHIP-TC1412_03 Datasheet
343Kb / 16P
   2A High-Speed MOSFET Drivers
2003
TC1412 MICROCHIP-TC1412_15 Datasheet
819Kb / 24P
   2A High-Speed MOSFET Drivers
01/27/15
TC1412 MICROCHIP-TC1412 Datasheet
434Kb / 14P
   2A High-Speed MOSFET Drivers
2002
logo
Maxim Integrated Produc...
MAX5062 MAXIM-MAX5062_07 Datasheet
351Kb / 20P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 5; 5/07
MAX5062 MAXIM-MAX5062 Datasheet
471Kb / 19P
   125V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 3; 10/05
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
MAX15012 MAXIM-MAX15012_07 Datasheet
372Kb / 18P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 1; 12/07
logo
ON Semiconductor
NCP4413 ONSEMI-NCP4413 Datasheet
94Kb / 8P
   High-Speed MOSFET Drivers
August, 2002 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com