전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD1584ARTZ-REEL7 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD1584ARTZ-REEL7
상세설명  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD1584ARTZ-REEL7 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD1584ARTZ-REEL7 Datasheet HTML 5Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 6Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 9Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 10Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 11Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 12Page - Analog Devices AD1584ARTZ-REEL7 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
AD1582/AD1583/AD1584/AD1585
Rev. J | Page 9 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
6
0
14
8
4
2
12
10
22
16
20
18
ppm/°C
–60 –50 –40 –30 –20 –10
0
10
20
30
40
50
Figure 3. Typical Output Voltage Temperature Drift Distribution
50
15
0
45
20
10
5
35
25
40
30
VOUT (ERROR)
1.0%
0.6%
0.2%
–0.2%
–0.6%
–1.0%
Figure 4. Typical Output Voltage Error Distribution
2.504
2.502
2.494
2.492
2.490
2.488
2.500
2.496
2.498
TEMPERATURE (°C)
–40
0
–20
20
40
60
80
100
120
Figure 5. Typical Temperature Drift Characteristic Curves
0
0.25
0.20
0.15
0.10
0.35
0.30
0.40
0.05
02
46
8
10
12
VIN (V)
AD1585
AD1582
Figure 6. Load Regulation vs. VIN
–20
–40
–60
–80
–70
–30
–50
0
–90
–10
AD1585
AD1582
IOUT (mA)
–5
–4
–3
–2
–1
0
1
2
3
4
5
Figure 7. Line Regulation vs. ILOAD
10k
1k
100
10
100
1k
10k
100k
FREQUENCY (Hz)
IOUT = 1mA
IOUT = 0mA
Figure 8. Noise Spectral Density


유사한 부품 번호 - AD1584ARTZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1584ART-R2 AD-AD1584ART-R2 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1584ART-REEL7 AD-AD1584ART-REEL7 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
More results

유사한 설명 - AD1584ARTZ-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD1583 AD-AD1583_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1584 AD-AD1584_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582 Datasheet
254Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1582 AD-AD1582_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
AD1582 AD-AD1582 Datasheet
167Kb / 12P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
REV. D
AD1585 AD-AD1585_15 Datasheet
388Kb / 16P
   2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
Rev. J
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GPZ AD-REF03GPZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF03GS-REEL7 AD-REF03GS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com