전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD829AR-EBZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD829AR-EBZ
상세설명  High Speed, Low Noise Video Op Amp
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD829AR-EBZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD829AR-EBZ Datasheet HTML 3Page - Analog Devices AD829AR-EBZ Datasheet HTML 4Page - Analog Devices AD829AR-EBZ Datasheet HTML 5Page - Analog Devices AD829AR-EBZ Datasheet HTML 6Page - Analog Devices AD829AR-EBZ Datasheet HTML 7Page - Analog Devices AD829AR-EBZ Datasheet HTML 8Page - Analog Devices AD829AR-EBZ Datasheet HTML 9Page - Analog Devices AD829AR-EBZ Datasheet HTML 10Page - Analog Devices AD829AR-EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Data Sheet
AD829
Rev. I | Page 7 of 20
Figure 11. Quiescent Current vs. Temperature
Figure 12. Short-Circuit Current Limit vs. Ambient Temperature
Figure 13. –3 dB Bandwidth vs. Temperature
Figure 14. Open-Loop Gain and Phase vs. Frequency
Figure 15. Open-Loop Gain vs. Resistive Load
Figure 16. Power Supply Rejection Ratio (PSRR) vs. Frequency
TEMPERATURE (
°C)
–60
–40
–20
0
20
40
60
80
100
120
3
7
6
5
4
140
VS = ±15V
VS = ±5V
AMBIENT TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
15
40
30
35
25
20
140
NEGATIVE
CURRENT LIMIT
POSITIVE
CURRENT LIMIT
VS = ±5V
TEMPERATURE (°C)
–60
–40
–20
0
20
40
60
80
100
120
45
65
60
55
50
140
VS = ±15V
AV = +20
CCOMP = 0pF
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
0
120
100
80
60
40
20
–20
100
80
60
40
20
0
100M
PHASE
GAIN
±5V
SUPPLIES
500
Ω LOAD
GAIN
±15V
SUPPLIES
1k
Ω LOAD
CCOMP = 0pF
LOAD RESISTANCE (
Ω)
10
100
1k
75
80
85
90
95
100
105
10k
VS = ±15V
VS = ±5V
FREQUENCY (Hz)
1k
10k
100k
1M
10M
20
120
100
60
80
40
100M
+SUPPLY
–SUPPLY
CCOMP = 0pF


유사한 부품 번호 - AD829AR-EBZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD829AR-EBZ AD-AD829AR-EBZ Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
More results

유사한 설명 - AD829AR-EBZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
AD8022 AD-AD8022_05 Datasheet
370Kb / 16P
   Dual High Speed, Low Noise Op Amp
REV. B
logo
Linear Technology
LT1007 LINER-LT1007_09 Datasheet
75Kb / 2P
   Low Noise, High Speed Precision Op Amp
logo
Analog Devices
AD8022 AD-AD8022_15 Datasheet
527Kb / 17P
   Dual High Speed, Low Noise Op Amp
REV. C
logo
Linear Technology
RH37C LINER-RH37C_15 Datasheet
106Kb / 2P
   Low Noise, High Speed Precision Op Amp
OP227EN LINER-OP227EN Datasheet
2Mb / 12P
   Dual Matched Low Noise Precision Op Amp and Dual High Speed Low Noise Prescision Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com